Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA2340 Datasheet (PDF) - Texas Instruments

OPA2340 Datasheet PDF - Texas Instruments
Part # OPA2340
Download  OPA2340 Download
File Size   1752.83 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx340 Single-Supply, Rail-to-Rail Operational Amplifiers MicroAmplifier™ Series

OPA2340 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA2340 Datasheet PDF - Texas Instruments

Part # OPA2340
Download  OPA2340 Click to download

File Size   1752.83 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx340 Single-Supply, Rail-to-Rail Operational Amplifiers MicroAmplifier™ Series

OPA2340 Datasheet (HTML) - Texas Instruments


OPA2340 Product details

1 Features
1• Rail-to-Rail Input
• Rail-to-Rail Output (Within 1 mV)
• MicroSize Packages
• Wide Bandwidth: 5.5 MHz
• High Slew Rate: 6 V/μs
• Low THD + Noise: 0.0007% (f = 1 kHz)
• Low Quiescent Current: 750 μA/Channel
• Single, Dual, and Quad Versions

2 Applications
• Driving A/D Converters
• PCMCIA Cards
• Data Acquisition
• Process Control
• Audio Processing
• Communications
• Active Filters
• Test Equipment

3 Description
The OPA340 series rail-to-rail CMOS operational
amplifiers are optimized for low-voltage, single-supply
operation. Rail-to-rail input and output and highspeed
operation make them ideal for driving sampling
analog-to-digital (A/D) converters. They are also wellsuited
for general purpose and audio applications as
well as providing I/V conversion at the output of
digital-to-analog (D/A) converters. Single, dual, and
quad versions have identical specifications for design
flexibility.
The OPA340 series operate on a single supply as low
as 2.5 V with an input common-mode voltage range
that extends 500 mV below ground and 500 mV
above the positive supply. Output voltage swing is to
within 1 mV of the supply rails with a 100-kΩ load.
These devices offer excellent dynamic response
BW = 5.5 MHz, SR = 6 V/μs), yet quiescent current
is only 750 A. Dual and quad designs feature
completely independent circuitry for lowest crosstalk
and freedom from interaction.
The single (OPA340) packages are the tiny 5-pin
SOT-23 surface mount, 8-pin SOIC surface mount,
and 8-pin DIP. The dual (OPA2340) comes in the
miniature 8-pin VSSOP surface mount, 8-pin SOIC
surface mount, and 8-pin PDIP packages. The quad
OPA4340) packages are the space-saving 16-pin
SSOP surface mount and 14-pin SOIC surface
mount. All are specified from –40°C to 85°C and
operate from –55°C to 125°C. A SPICE macromodel
is available for design analysis.




Similar Part No. - OPA2340

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2340 BURR-BROWN-OPA2340 Datasheet
348Kb / 10P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA2340 BURR-BROWN-OPA2340 Datasheet
709Kb / 20P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
logo
Texas Instruments
OPA2340-DIE TI-OPA2340-DIE Datasheet
80Kb / 5P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER MicroAmplifier
OPA2340-EP TI-OPA2340-EP Datasheet
600Kb / 17P
SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2340EA BURR-BROWN-OPA2340EA Datasheet
348Kb / 10P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
More results


Similar Description - OPA2340

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA340 BURR-BROWN-OPA340 Datasheet
348Kb / 10P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA344 BURR-BROWN-OPA344 Datasheet
243Kb / 11P
LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA340 BURR-BROWN-OPA340_06 Datasheet
709Kb / 20P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
logo
Texas Instruments
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343EA-2K5 TI-OPA2343EA-2K5 Datasheet
859Kb / 16P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA350 TI1-OPA350 Datasheet
1Mb / 40P
Rail-to-Rail Operational Amplifiers MicroAmplifier Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com