Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA2320 Datasheet (PDF) - Texas Instruments

OPA2320 Datasheet PDF - Texas Instruments
Part # OPA2320
Download  OPA2320 Download
File Size   998.97 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx320-Q1 Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier

OPA2320 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA2320 Datasheet PDF - Texas Instruments

Part # OPA2320
Download  OPA2320 Click to download

File Size   998.97 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx320-Q1 Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier

OPA2320 Datasheet (HTML) - Texas Instruments


OPA2320 Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Qualified with the Following Results:
– Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
– Device HBM ESD Classification Level 2
– Device CDM ESD Classification Level C4B
• Precision with Zero-Crossover Distortion:
– Low Offset Voltage: 150 μV (max)
– High CMRR: 114 dB
– Rail-to-Rail I/O
• Low Input Bias Current: 0.9 pA (max)
• Low Noise: 7 nV/√Hz at 10kHz
• Wide Bandwidth: 20 MHz
• Slew Rate: 10 V/μs
• Quiescent Current: 1.45 mA/ch
• Single-Supply Voltage Range: 1.8 to 5.5 V
• Unity-Gain Stable
• Small VSSOP Package

2 Applications
• Automotive
• High-Z Sensor Signal Conditioning
• Transimpedance Amplifiers
• Test and Measurement Equipment
• Programmable Logic Controllers (PLCs)
• Motor Control Loops
• Communications
• Input and Output ADC and DAC Buffers
• Active Filters

3 Description
The OPA320-Q1 and OPA2320-Q1 (OPAx320-Q1)
devices are a new generation of precision low-voltage
CMOS operational amplifiers (op amps) optimized for
very low noise and wide bandwidth. These devices
operate on a low quiescent current of only 1.45 mA.
The OPAx320-Q1 are an excellent choice for lowpower,
single-supply applications. Low-noise (7
nV/√Hz) and high-speed operation also makes these
devices an excellent choice for driving sampling
analog-to-digital converters (ADCs). Other
applications include signal conditioning and sensor
amplification.
The OPAx320-Q1 feature a linear input stage with
zero-crossover distortion that delivers excellent
common-mode rejection ratio (CMRR) of 114 dB
(typical) over the full input range. The input commonmode
range extends 100 mV beyond the negative
and positive supply rails. The output voltage typically
swings within 10 mV of the rails.
In addition, the OPAx320-Q1 have a wide supply
voltage range from 1.8 V to 5.5 V, with excellent
PSRR (106 dB) over the entire supply range. These
features make the OPAx320-Q1 suitable for
precision, low-power applications that run directly
from batteries without regulation.
The OPAx320-Q1 device is available in an 8-pin
VSSOP (DGK) package.




Similar Part No. - OPA2320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2320 TI1-OPA2320 Datasheet
1Mb / 32P
Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
OPA2320 TI2-OPA2320 Datasheet
2Mb / 58P
OPAx320x Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
REVISED DECEMBER 2016
OPA2320-Q1 TI-OPA2320-Q1 Datasheet
1Mb / 31P
Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO,CMOS Operational Amplifier
OPA2320-Q1 TI1-OPA2320-Q1 Datasheet
1Mb / 34P
Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
OPA2320-Q1 TI2-OPA2320-Q1 Datasheet
2Mb / 58P
OPAx320x Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
REVISED DECEMBER 2016
More results


Similar Description - OPA2320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2320-Q1 TI-OPA2320-Q1_15 Datasheet
1Mb / 31P
Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO,CMOS Operational Amplifier
OPA2314-Q1 TI-OPA2314-Q1_15 Datasheet
1Mb / 28P
OPA2314-Q1 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2325 TI1-OPA2325 Datasheet
2Mb / 32P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA320-Q1 TI1-OPA320-Q1 Datasheet
1Mb / 34P
Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA325 TI1-OPA325 Datasheet
3Mb / 42P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA2328 TI-OPA2328 Datasheet
1Mb / 23P
OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
FEBRUARY 2022
OPA2328 TI-OPA2328_V01 Datasheet
1Mb / 27P
OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
REVISED JUNE 2022
OPA328 TI-OPA328 Datasheet
1Mb / 31P
OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
REVISED NOVEMBER 2022
OPA328 TI-OPA328_V01 Datasheet
1Mb / 32P
OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
REVISED MAY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com