Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA4350 Datasheet (PDF) - Texas Instruments

OPA4350 Datasheet PDF - Texas Instruments
Part # OPA4350
Download  OPA4350 Download
File Size   1427.6 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx350 High-Speed, Single-Supply, Rail-to-Rail Operational Amplifiers MicroAmplifier Series

OPA4350 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA4350 Datasheet PDF - Texas Instruments

Part # OPA4350
Download  OPA4350 Click to download

File Size   1427.6 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx350 High-Speed, Single-Supply, Rail-to-Rail Operational Amplifiers MicroAmplifier Series

OPA4350 Datasheet (HTML) - Texas Instruments


OPA4350 Product details

1 Features
1• Rail-to-Rail Input
• Rail-to-Rail Output (Within 10 mV)
• Wide Bandwidth: 38 MHz
• High Slew Rate: 22 V/μs Analog•
Low Noise: 5 nV/√Hz
• Low THD+Noise: 0.0006%
• Unity-Gain Stable
• MicroSize Packages
• Single, Dual, and Quad

2 Applications
• Cell Phone PA Control Loops
• Driving A/D Converters
• Video Processing
• Data Acquisition
• Process Controls
• Audio Processing
• Communications
• Active Filters
• Test Equipment

3 Description
The OPA350 series of rail-to-rail CMOS operational
amplifiers are optimized for low voltage, single-supply operation. Rail-to-rail input and output, low noise (5
nV/√Hz), and high speed operation (38 MHz, 22 V/μs)
make the amplifiers ideal for driving sampling Analog•
to-Digital (A/D) converters. They are also suited for cell phone PA control loops and video processing
(75-Ω drive capability), as well as audio and general
purpose applications. Single, dual, and quad versions
have identical specifications for maximum design
flexibility.
The OPA350 series operates on a single supply as
low as 2.5 V, with an input common-mode voltage
range that extends 300 mV below ground and 300
mV above the positive supply. Output voltage swing
is to within 10 mV of the supply rails, with a 10-kΩ
load. Dual and quad designs feature completely
independent circuitry for lowest crosstalk and freedom from interaction.
The single (OPA350) and dual (OPA2350) come in
the miniature MSOP-8 surface mount, SO-8 surface
mount, and DIP-8 packages. The quad (OPA4350)
packages are in the space-saving SSOP-16 surface
mount and SO-14 surface mount. All are specified from −40°C to 85°C and operate from −55°C to
150°C.




Similar Part No. - OPA4350

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4350 BURR-BROWN-OPA4350 Datasheet
205Kb / 11P
High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA4350 BURR-BROWN-OPA4350 Datasheet
705Kb / 24P
High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA4350 TI1-OPA4350 Datasheet
1Mb / 28P
High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA4350 TI-OPA4350 Datasheet
1Mb / 29P
High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
OPA4350-DIE TI1-OPA4350-DIE Datasheet
129Kb / 5P
HIGH-SPEED, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER
More results


Similar Description - OPA4350

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA353 BURR-BROWN-OPA353 Datasheet
192Kb / 11P
High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350 BURR-BROWN-OPA350_05 Datasheet
705Kb / 24P
High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343EA-2K5 TI-OPA2343EA-2K5 Datasheet
859Kb / 16P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2350EA250G4 TI-OPA2350EA250G4 Datasheet
1Mb / 29P
High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2353EA TI-OPA2353EA Datasheet
1Mb / 27P
High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com