Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA454 Datasheet (PDF) - Texas Instruments

OPA454 Datasheet PDF - Texas Instruments
Part # OPA454
Download  OPA454 Download
File Size   2038.79 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA454 High-Voltage (100-V), High-Current (50-mA) Operational Amplifiers, G = 1 Stable

OPA454 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA454 Datasheet PDF - Texas Instruments

Part # OPA454
Download  OPA454 Click to download

File Size   2038.79 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA454 High-Voltage (100-V), High-Current (50-mA) Operational Amplifiers, G = 1 Stable

OPA454 Datasheet (HTML) - Texas Instruments


OPA454 Product details

1 Features
1• Wide Power-Supply Range:
±5 V (10 V) to ±50 V (100 V)
• High-Output Load Drive: IO > ±50 mA
• Wide Output Voltage Swing: 1 V to Rails
• Independent Output Disable or Shutdown
• Wide Temperature Range: –40°C to +85°C
• 8-Pin SO Package

2 Applications
• Test Equipment
• Avalanche Photodiode:
High-V Current Sense
• Piezoelectric Cells
• Transducer Drivers
• Servo Drivers
• Audio Amplifiers
• High-Voltage Compliance Current Sources
• General High-Voltage Regulators and Power

3 Description
The OPA454 device is a low-cost operational
amplifier with high voltage (100 V) and relatively high
current drive (50 mA). It is unity-gain stable and has a
gain-bandwidth product of 2.5 MHz.
The OPA454 is internally protected against
overtemperature conditions and current overloads. It
is fully specified to perform over a wide power-supply
range of ±5 V to ±50 V or on a single supply of 10 V
to 100 V. The status flag is an open-drain output that
allows it to be easily referenced to standard lowvoltage
logic circuitry. This high-voltage operational
amplifier provides excellent accuracy, wide output
swing, and is free from phase inversion problems that
are often found in similar amplifiers.
The output can be independently disabled using the
Enable or Disable Pin that has its own common
return pin to allow easy interface to low-voltage logic
circuitry. This disable is accomplished without
disturbing the input signal path, not only saving power
but also protecting the load.
Featured in a small exposed metal pad package, the
OPA454 is easy to heatsink over the extended
industrial temperature range, –40°C to +85°C.




Similar Part No. - OPA454

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA454 TI-OPA454 Datasheet
1Mb / 36P
High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
OPA454 TI2-OPA454 Datasheet
1Mb / 28P
OPAx591 85V, Precision (100μV), Low-Power (420μA), High-Slew Rate (100V/μs) Op Amps With MUX-Friendly Inputs
FEBRUARY 2026
OPA454AIDDA TI-OPA454AIDDA Datasheet
1Mb / 36P
High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
OPA454AIDDA TI1-OPA454AIDDA Datasheet
1Mb / 47P
High-Voltage (100-V), High-Current (50-mA) Operational Amplifiers
OPA454AIDDAG4 TI1-OPA454AIDDAG4 Datasheet
1Mb / 47P
High-Voltage (100-V), High-Current (50-mA) Operational Amplifiers
More results


Similar Description - OPA454

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA551 BURR-BROWN-OPA551 Datasheet
202Kb / 14P
High-Voltage, High-Current OPERATIONAL AMPLIFIERS
3572AM BURR-BROWN-3572AM Datasheet
489Kb / 6P
High Current - High Power OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA454 TI-OPA454 Datasheet
1Mb / 36P
High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
OPA552FAKTWTG3 TI-OPA552FAKTWTG3 Datasheet
1Mb / 24P
High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551FAKTWT TI-OPA551FAKTWT Datasheet
1,019Kb / 24P
High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551FAKTWT TI1-OPA551FAKTWT Datasheet
1Mb / 24P
High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551 TI1-OPA551 Datasheet
1Mb / 32P
High-Voltage, High-Current Operational Amplifiers
OPA551 TI1-OPA551_16 Datasheet
1Mb / 32P
High-Voltage, High-Current Operational Amplifiers
OPA454 TI1-OPA454_16 Datasheet
1Mb / 47P
High-Voltage (100-V), High-Current (50-mA) Operational Amplifiers
OPA462 TI1-OPA462 Datasheet
1Mb / 20P
High-Voltage (180-V), High-Current (30-mA) Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com