Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA4317ID Datasheet (PDF) - Texas Instruments

OPA4317ID Datasheet PDF - Texas Instruments
Part # OPA4317ID
Download  OPA4317ID Download
File Size   1517.28 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx317 Zerø-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog

OPA4317ID Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA4317ID Datasheet PDF - Texas Instruments

Part # OPA4317ID
Download  OPA4317ID Click to download

File Size   1517.28 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx317 Zerø-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog

OPA4317ID Datasheet (HTML) - Texas Instruments


OPA4317ID Product details

1 Features
1• Supply Voltage: 1.8 V to 5.5 V
• microPackages:
– Single: SOT23-5, SC-70, SOIC-8
– Dual: VSSOP-8, SOIC-8
– Quad: SOIC-14, TSSOP-14
• Low Offset Voltage: 20 μV (Typical)
• CMRR: 108-dB (Typical) PSRR
• Quiescent Current: 35 μA (Maximum)
• Gain Bandwidth: 300 kHz
• Rail-to-Rail Input and Output
• Internal EMI and RFI Filtering

2 Applications
• Battery-Powered Instruments
• Temperature Measurements
• Transducer Applications
• Electronic Scales
• Medical Instrumentation
• Handheld Test Equipment
• Current Sense

3 Description
The OPA317 series of CMOS operational amplifiers
offer precision performance at a very competitive
price. These devices are members of the Zerø-Drift
family of amplifiers that use a proprietary
autocalibration technique to simultaneously provide
low offset voltage (90 μV maximum) and near-zero
drift over time and temperature at only 35 μA
(maximum) of quiescent current.
The OPA317 family features rail-to-rail input and
output in addition to near flat 1/f noise, making this
amplifier ideal for many applications, and much easier
to design into a system. These devices are optimized
for low-voltage operation as low as 1.8 V (±0.9 V)
and up to 5.5 V (±2.75 V).
The OPA317 (single version) is available in the
SC70-5, SOT23-5, and SOIC-8 packages. The
OPA2317 (dual version) is offered in the VSSOP-8
and SOIC-8 packages. The OPA4317 is offered in
the standard SOIC-14 and TSSOP-14 packages. All
versions are specified for operation from –40°C to
+125°C.




Similar Part No. - OPA4317ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4317ID TI-OPA4317ID Datasheet
1Mb / 29P
Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
OPA4317IDR TI-OPA4317IDR Datasheet
1Mb / 29P
Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
More results


Similar Description - OPA4317ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA317 TI-OPA317 Datasheet
1Mb / 29P
Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
OPA317 TI1-OPA317 Datasheet
1Mb / 30P
Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA4317 TI1-OPA4317 Datasheet
1Mb / 30P
Low-Offset, Rail-to-Rail I/O Operational Amplifier
logo
SG Micro Corp
SGM8044 SGMICRO-SGM8044 Datasheet
296Kb / 10P
Quad Rail-to-Rail I/O Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
Rail-to-Rail I/O CMOS Operational Amplifier
SGM8581 SGMICRO-SGM8581 Datasheet
455Kb / 13P
single Rail-to-Rail I/O Precision Operational Amplifier
SGM8582 SGMICRO-SGM8582 Datasheet
447Kb / 12P
Dual Rail-to-Rail I/O Precision Operational Amplifier
SGM8584 SGMICRO-SGM8584 Datasheet
423Kb / 12P
Quad Rail-to-Rail I/O Precision Operational Amplifier
logo
Texas Instruments
OPA317-Q1 TI1-OPA317-Q1 Datasheet
994Kb / 29P
Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com