Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-1133 Datasheet (PDF) - Seiko Instruments Inc

S-1133 Datasheet PDF - Seiko Instruments Inc
Part # S-1133
Download  S-1133 Download
File Size   645.86 Kbytes
Page   37 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR

S-1133 Datasheet (PDF)

Go To PDF Page Download Datasheet
S-1133 Datasheet PDF - Seiko Instruments Inc

Part # S-1133
Download  S-1133 Click to download

File Size   645.86 Kbytes
Page   37 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR

S-1133 Datasheet (HTML) - Seiko Instruments Inc


S-1133 Product details

The S-1133 Series is a positive voltage regulator with a low dropout voltage, high output voltage accuracy, and low current consumption (300 mA output current) developed based on CMOS technology. A 1 µF small ceramic capacitor can be used*1. It operates with low current consumption of 60 µA typ. The S-1133 Series includes an overcurrent protection circuit that prevents the output current from exceeding the current capacitance of the output transistor and a thermal shutdown circuit that prevents damage due to overheating. In addition to the types in which output voltage is set inside the IC, a type for which output voltage can be set via an external resistor is added to a lineup (S-1133x00 Series). SOT-89-5 and super-small SNT-8A packages realize high-density mounting. This, in addition to low current consumption, makes the S-1133 Series ideal for mobile devices.



■ Features

• Output voltage : 1.2 to 6.0 V, selectable in 0.1 V steps.

• Voltage setting via external resistor : Selectable from 1.8 to 8.2 V (S-1133B00/S-1133A00)

• Input voltage range : 2.0 to 10 V

• High-accuracy output voltage : ±1.0% accuracy (1.2 to 1.4 V output product : ±15 mV accuracy)

• Low dropout voltage : 130 mV typ. (3.0 V output product, IOUT = 100 mA)

• Low current consumption : During operation : 60 µA typ., 90 µA max.

                                      During shutdown : 0.1 µA typ., 1.0 µA max.

• Output current : 300 mA output is possible (at VIN ≥ VOUT(S) + 1.0 V)*1

• Low ESR capacitor can be used : A ceramic capacitor of 1.0 µF or more can be used for the input and output capacitors.

   (A ceramic capacitor of 2.2 µF or more can be used for products whose output voltage is 1.7 V or less.)

• High ripple rejection : 70 dB typ. (at 1.0 kHz, VOUT = 1.2 V)

• Built-in overcurrent protection circuit : Overcurrent of output transistor can be restricted.

• Built-in thermal shutdown circuit : Prevents damage due to overheating.

• Built-in ON/OFF circuit : Ensures long battery life.

• Small package : SOT-89-5, SNT-8A

• Lead-free products



■ Applications

• Power supply for battery-powered devices

• Power supply for communication devices

• Power supply for home electric appliances



 




Similar Part No. - S-1133

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1133 ABLIC-S-1133 Datasheet
727Kb / 38P
HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.3.1_02
S-1133B00-I8T1U ABLIC-S-1133B00-I8T1U Datasheet
727Kb / 38P
HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.3.1_02
S-1133B00-U5T1X ABLIC-S-1133B00-U5T1X Datasheet
727Kb / 38P
HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.3.1_02
S-1133B12-I8T1U ABLIC-S-1133B12-I8T1U Datasheet
727Kb / 38P
HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.3.1_02
S-1133B12-U5T1X ABLIC-S-1133B12-U5T1X Datasheet
727Kb / 38P
HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.3.1_02
More results


Similar Description - S-1133

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1131 SII-S-1131 Datasheet
451Kb / 29P
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1132 SII-S-1132 Datasheet
531Kb / 35P
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1170 SII-S-1170 Datasheet
392Kb / 29P
HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1138 UTC-L1138 Datasheet
234Kb / 8P
HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-1132B33-U5T1G SII-S-1132B33-U5T1G Datasheet
549Kb / 35P
HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1135 SII-S-1135 Datasheet
2Mb / 48P
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1131 ABLIC-S-1131 Datasheet
463Kb / 30P
HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.1_02
S-1132 ABLIC-S-1132 Datasheet
591Kb / 35P
HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.2_02
S-1133 ABLIC-S-1133 Datasheet
727Kb / 38P
HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.3.1_02
S-1170 ABLIC-S-1170 Datasheet
415Kb / 30P
HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.1_02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com