Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-1155 Datasheet (PDF) - Seiko Instruments Inc

S-1155 Datasheet PDF - Seiko Instruments Inc
Part # S-1155
Download  S-1155 Download
File Size   773.08 Kbytes
Page   28 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR

S-1155 Datasheet (PDF)

Go To PDF Page Download Datasheet
S-1155 Datasheet PDF - Seiko Instruments Inc

Part # S-1155
Download  S-1155 Click to download

File Size   773.08 Kbytes
Page   28 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR

S-1155 Datasheet (HTML) - Seiko Instruments Inc


S-1155 Product details

The S-1155 Series, developed based on CMOS technology, is a positive voltage regulator with a super low dropout voltage, high output voltage accuracy, and low current consumption. The S-1155 Series provides the very small dropout voltage and the large output current due to the built-in transistor with low on-resistance. The overcurrent protector prevents the load current from exceeding the capacitance of output transistor. The thermal shutdown circuit prevents damage caused by heat, the rush current control circuit limits the excessive rush current during start-up.



„ Features

•Output voltage :   1.0 to 5.0 V, selectable in 0.05 V step.

•Low equivalent series resistance capacitor :  Ceramic capacitor of 4.7 µF or more can be used as the  I/O capacitor.

•Input voltage :   1.5 to 5.5 V

•High-accuracy output voltage :   ±1.0% (1.0 to 1.45 V output product : ±15 mV)

•Low dropout voltage :   70 mV typ. (3.0 V output product, at IOUT= 200 mA)

•Low current consumption :   During operation :  70 µA typ., 90 µA max. (3.0 V output 

 product)    During shutdown : 0.1 µA typ., 1.0 µA max.

•Output current :   500 mA (3.0 V output product, at VIN ≥VOUT(S) +1.0 V)

•High ripple rejection :   70 dB typ. (at 1.0 kHz, VOUT= 1.0 V)

•Built-in overcurrent protection circuit :   limits overcurrent of output transistor  •Built-in thermal shutdown circuit :   prevents damage caused by heat

•Built-in rush current control circuit :    limits excessive rush current during start-up

•Built-in power on/off circuit :    Longer battery life

•Small package :    SOT-89-5

•Lead-free product



„Applications

•Power supply for battery-powered devices

•Power supply for TV, notebook PCs and home electric appliances

•Constant-voltage power supply for portable equipment




Similar Part No. - S-1155

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1155 ABLIC-S-1155 Datasheet
515Kb / 28P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.1_03
S-1155B10-U5T1X ABLIC-S-1155B10-U5T1X Datasheet
515Kb / 28P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.1_03
S-1155B11-U5T1X ABLIC-S-1155B11-U5T1X Datasheet
515Kb / 28P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.1_03
S-1155B12-U5T1X ABLIC-S-1155B12-U5T1X Datasheet
515Kb / 28P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.1_03
S-1155B13-U5T1X ABLIC-S-1155B13-U5T1X Datasheet
515Kb / 28P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.1_03
More results


Similar Description - S-1155

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1132 SII-S-1132 Datasheet
531Kb / 35P
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1170 SII-S-1170 Datasheet
392Kb / 29P
HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1172 SII-S-1172 Datasheet
654Kb / 34P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136 Datasheet
229Kb / 9P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136_11 Datasheet
214Kb / 9P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136_12 Datasheet
290Kb / 9P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-13A1 SII-S-13A1 Datasheet
3Mb / 74P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1135 SII-S-1135 Datasheet
2Mb / 48P
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1155 ABLIC-S-1155 Datasheet
515Kb / 28P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.1_03
S-1172 ABLIC-S-1172 Datasheet
601Kb / 35P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.2_03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com