Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-1165 Datasheet (PDF) - Seiko Instruments Inc

S-1165 Datasheet PDF - Seiko Instruments Inc
Part # S-1165
Download  S-1165 Download
File Size   280.91 Kbytes
Page   23 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR

S-1165 Datasheet (PDF)

Go To PDF Page Download Datasheet
S-1165 Datasheet PDF - Seiko Instruments Inc

Part # S-1165
Download  S-1165 Click to download

File Size   280.91 Kbytes
Page   23 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR

S-1165 Datasheet (HTML) - Seiko Instruments Inc


S-1165 Product details

The S-1165 Series is a positive voltage regulator with a low dropout voltage, high output voltage accuracy, and low current consumption developed based on CMOS technology.

A built-in low on-resistance transistor provides a low dropout voltage and large output current, and a built-in overcurrent protector prevents the load current from exceeding the current capacitance of

the output transistor. An ON/OFF circuit ensures a long battery life, and a small SOT-23-5 package

realizes high-density mounting.



„ Features

• Output voltage: 1.5 V to 5.5 V, selectable in 0.1 V steps.

• High-accuracy output voltage: ±1.0%

• Low dropout voltage: 140 mV typ. (3.0 V output product, IOUT = 200 mA)

• Low current consumption: During operation: 35 μA typ., 65 μA max.

During shutdown: 0.1 μA typ., 1.0 μA max.

• High peak current capability: 200 mA output is possible (at VIN ≥ VOUT(S) + 1.0 V)*1

• Built-in ON/OFF circuit: Ensures long battery life.

• High ripple rejection: 70 dB typ. (at 1.0 kHz)

• Built-in overcurrent protector: Overcurrent of output transistor can be restricted.

• Small package: SOT-23-5

• Lead-free products



„ Applications

• Power supply for battery-powered devices

• Power supply for personal communication devices

• Power supply for home electric/electronic appliances

• Power supply for cellular phones




Similar Part No. - S-1165

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1165 ABLIC-S-1165 Datasheet
385Kb / 23P
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
S-1165B15MC-N6ATFX ABLIC-S-1165B15MC-N6ATFX Datasheet
385Kb / 23P
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
S-1165B16MC-N6BTFX ABLIC-S-1165B16MC-N6BTFX Datasheet
385Kb / 23P
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
S-1165B17MC-N6CTFX ABLIC-S-1165B17MC-N6CTFX Datasheet
385Kb / 23P
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
S-1165B18MC-N6DTFX ABLIC-S-1165B18MC-N6DTFX Datasheet
385Kb / 23P
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
More results


Similar Description - S-1165

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1112 SII-S-1112 Datasheet
388Kb / 29P
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1112 SII-S-1112_1 Datasheet
412Kb / 30P
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-L2980 SII-S-L2980_1 Datasheet
327Kb / 23P
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-T111 SII-S-T111 Datasheet
238Kb / 23P
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1312A10H-M5T1U3 SII-S-1312A10H-M5T1U3 Datasheet
2Mb / 38P
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Shenzhen Huazhimei Semi...
HM6207 HMSEMI-HM6207 Datasheet
1Mb / 11P
Low dropout high ripple rejection CMOS voltage regulator
logo
ABLIC Inc.
S-1112 ABLIC-S-1112 Datasheet
494Kb / 30P
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
S-1165 ABLIC-S-1165 Datasheet
385Kb / 23P
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com