Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSH Datasheet (PDF) - Bourns Electronic Solutions

RSH Datasheet PDF - Bourns Electronic Solutions
Part # RSH
Download  RSH Download
File Size   572.05 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description RSH Series – Riedon™ DC Ammeter Shunts / Busbar Shunts by Bourns

RSH Datasheet (PDF)

Go To PDF Page Download Datasheet
RSH Datasheet PDF - Bourns Electronic Solutions

Part # RSH
Download  RSH Click to download

File Size   572.05 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description RSH Series – Riedon™ DC Ammeter Shunts / Busbar Shunts by Bourns

RSH Datasheet (HTML) - Bourns Electronic Solutions


RSH Product details

Features
n Formerly a Riedon™ product
n Current rating: 15 to 600 A
n 0.083 to 3.33 mΩ resistance @ 50 mV
output
n Non-inductive metal element
n Manganin™ resistive element
n 0.25 % tolerance
n RoHS compliant*




Similar Part No. - RSH

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
RSH SCHURTER-RSH Datasheet
403Kb / 2P
Fuseholder Open Design, 6.3 x 32 mm, Solder
logo
Apex Electronics Co., L...
RSH APEX-ELECTRONICS-RSH Datasheet
1Mb / 3P
7.2*7.2mm rotary coded switch, SMD and through hole
logo
Rohm
RSH065N03 ROHM-RSH065N03 Datasheet
174Kb / 4P
4V Drive Nch MOSFET
RSH065N06 ROHM-RSH065N06 Datasheet
179Kb / 5P
4V Drive Nch MOSFET
logo
SHENZHEN DOINGTER SEMIC...
RSH065N06 DOINGTER-RSH065N06 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results


Similar Description - RSH

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SNT-100-BK-H SAMTEC-SNT-100-BK-H Datasheet
655Kb / 1P
SHUNTS JUMPERS
logo
List of Unclassifed Man...
FH-80-50 ETC2-FH-80-50 Datasheet
39Kb / 1P
DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
FN-2-50 ETC2-FN-2-50 Datasheet
32Kb / 1P
DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
TYPE-LA ETC2-TYPE-LA Datasheet
117Kb / 1P
DC Ammeter Shunts
logo
Riedon Powertron
RSA-5 RIEDON-RSA-5 Datasheet
585Kb / 4P
Precision Current / DC Current Shunts
RSA-20-50 RIEDON-RSA-20-50 Datasheet
585Kb / 4P
Precision Current / DC Current Shunts
RSA-100-100 RIEDON-RSA-100-100 Datasheet
585Kb / 4P
Precision Current / DC Current Shunts
RSN-5-50B RIEDON-RSN-5-50B Datasheet
166Kb / 3P
DC Ammeter Shunts / Busbar Shunts 1 Amp - 500 Amp
RSN-20-50B RIEDON-RSN-20-50B Datasheet
166Kb / 3P
DC Ammeter Shunts / Busbar Shunts 1 Amp - 500 Amp
logo
IET Labs Inc.
DCCS IET-DCCS Datasheet
186Kb / 1P
DC Current Shunts
October 2017
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com