Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

801 Datasheet (PDF) - Adafruit Industries

801 Datasheet PDF - Adafruit Industries
Part # 801
Download  801 Download
File Size   107.62 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Adafruit Prototyping Pi Plate Kit for Raspberry Pi

801 Datasheet (PDF)

Go To PDF Page Download Datasheet
801 Datasheet PDF - Adafruit Industries

Part # 801
Download  801 Click to download

File Size   107.62 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Adafruit Prototyping Pi Plate Kit for Raspberry Pi

801 Datasheet (HTML) - Adafruit Industries


801 Product details

Description
Now that you've finally got your hands on a Raspberry Pi® , you're probably itching to make some fun embedded computer projects with it. What you need is an add on prototyping Pi Plate from Adafruit, which can snap onto the Pi PCB (and is removable later if you wish) and gives you all sorts of prototyping goodness to make building on top of the Pi super easy.
We added lots of basic but essential goodies. First up, there's a big prototyping area, half of which is 'breadboard' style and half of which is 'perfboard' style so you can wire up DIP chips, sensors, and the like. Along the edges of the proto area, all the GPIO/I2C/SPI and power pins are broken out to 0.1" stips so you can easily connect to them. On the edges of the prototyping area, all of the breakout pins are also connected to labeled 3.5mm screw-terminal blocks. This makes it easy to semi-permanently wire in sensors, LEDs, etc. There's also a 4-block terminal block broken out to 0.1" pads for general non-GPIO wiring. Finally, we had a little space remaining over the metal connectors so we put in an SOIC surface mount chip breakout area, for those chips that dont come in DIP format.
This kit comes as a set of parts, a little soldering is required to put it together but its really easy, even a beginner can do it in 15-20 minutes or so. The Pi (and our kits) are meant to help us all learn skills, soldering is fun! Check out our tutorial for how to assemble
The nice thing about this plate is we're getting custom header breakouts that are taller than usual, so that the proto plate sits above the metal connectors, out of the way and allows for plenty of workspace. It fits in our Pi Box enclosure with access to the terminal blocks so you can keep the Pi safe while prototyping. We'll have stackable header kits as well for those who want to put multiple plates on top.
For more information, including some usage ideas check out our Proto Pi Plate tutorial What is the Raspberry Pi® ? A low-cost ARM GNU/Linux box.
The Raspberry Pi® is a single-board computer developed in the UK by the Raspberry Pi Foundation with the intention of stimulating the teaching of basic computer science in schools. The design is based on a Broadcom BCM2835 system on a chip (SoC), which includes an ARM1176JZF-S 700 MHz processor, VideoCore IV GPU, and 256 megabytes of RAM. The design does not include a built-in hard disk or solid-state drive, instead relying on an SD card for booting and long-term storage. The Foundation plans to support Fedora Linux as the initial system software package/distribution, with support for Debian and Arch Linux as well - Wikipedia.




Similar Part No. - 801

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
801 GILWAY-801 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
Littelfuse
801 LITTELFUSE-801 Datasheet
178Kb / 1P
Panel Mount for 5x20 mm und 6.3x32 mm Fuses
logo
Unisonic Technologies
801 UTC-801 Datasheet
30Kb / 2P
3/4 STRINGS Xmas LIGHT CONTROL
logo
Alpha Wire
801 ALPHAWIRE-801 Datasheet
196Kb / 3P
M8 Plastic Passive I/O Box
logo
Littelfuse
801 LITTELFUSE-801 Datasheet
566Kb / 2P
Panel Mount Enclosed Fuse Holders
10/05/23
More results


Similar Description - 801

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3257 ETC2-3257 Datasheet
110Kb / 2P
Kano Computer Kit with Raspberry Pi 3
logo
SparkFun Electronics
KIT-16327 SPARKFUN-KIT-16327 Datasheet
151Kb / 2P
SparkFun Raspberry Pi Zero W Camera Kit
7??2??0
KIT-16987 SPARKFUN-KIT-16987 Datasheet
140Kb / 1P
SparkFun Qwiic SHIM Kit for Raspberry Pi
9??2??0
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
110020169 ETC-110020169 Datasheet
3Mb / 50P
Grove Base Kit for Raspberry Pi
110061125 ETC-110061125 Datasheet
324Kb / 4P
Raspberry Pi 4B - Starter Kit - 4GB
110061131 ETC-110061131 Datasheet
286Kb / 3P
Raspberry Pi 4B - Basic Kit - 4GB
114992066 ETC-114992066 Datasheet
468Kb / 5P
RF Explorer IoT Touchscreen Kit For Raspberry Pi
PI400 ETC2-PI400 Datasheet
2Mb / 8P
Raspberry PI 400 US KIT ENGLISH VERSION
November 2020
THSER101 ETC-THSER101 Datasheet
1Mb / 8P
Cable Extension Kit for Raspberry Pi Camera
Rev. 1.10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com