Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP256D Datasheet (PDF) - Integrated Silicon Solution, Inc

IS25LP256D Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS25LP256D
Download  IS25LP256D Download
File Size   2381.25 Kbytes
Page   179 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE

IS25LP256D Datasheet (PDF)

Go To PDF Page Download Datasheet
IS25LP256D Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS25LP256D
Download  IS25LP256D Click to download

File Size   2381.25 Kbytes
Page   179 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE

IS25LP256D Datasheet (HTML) - Integrated Silicon Solution, Inc


IS25LP256D Product details

FEATURES
• Industry Standard Serial Interface
- IS25LP256D: 256Mbit/32Mbyte
- IS25WP256D: 256Mbit/32Mbyte
- 3 or 4 Byte Addressing Mode
- Supports Standard SPI, Fast, Dual, Dual
I/O, Quad, Quad I/O, SPI DTR, Dual I/O
DTR, Quad I/O DTR, and QPI
- Software & Hardware Reset
- Supports Serial Flash Discoverable
Parameters (SFDP)
• High Performance Serial Flash (SPI)
- 80MHz Normal Read
- Up to166Mhz Fast Read:
-166MHz at Vcc=2.7V to 3.6V (1)
-133MHz at Vcc=2.3V to 3.6V
-133MHz at Vcc=1.65V to 1.95V (2)
- Up to 80MHz DTR (Dual Transfer Rate)
- Equivalent Throughput of 664 Mb/s
- Selectable Dummy Cycles
- Configurable Drive Strength
- Supports SPI Modes 0 and 3
- More than 100,000 Erase/Program Cycles
- More than 20-year Data Retention
• Flexible & Efficient Memory Architecture
- Chip Erase with Uniform Sector/Block
Erase (4/32/64 Kbyte)
- Program 1 to 256 Byte per Page
- Program/Erase Suspend & Resume
• Efficient Read and Program modes
- Low Instruction Overhead Operations
- Continuous Read 8/16/32/64 Byte
Burst Wrap
- Selectable Burst Length
- AutoBoot Operation
• Low Power with Wide Temp. Ranges
- Single Voltage Supply
IS25LP: 2.30V to 3.60V
IS25WP: 1.65V to 1.95V
- 7.5 mA Active Read Current
- 10 μA Standby Current
- 1 μA Deep Power Down
- Temp Grades:
Extended: -40°C to +105°C
Auto Grade (A3): -40°C to +125°C
• Advanced Security Protection
- Software and Hardware Write Protection
- Advanced Sector/Block Protection
- Top/Bottom Block Protection
- Power Supply Lock Protection
- 4x256 Byte Dedicated Security Area
with OTP User-lockable Bits
- 128 bit Unique ID for Each Device
(Call Factory)
• Industry Standard Pin-out & Packages
- M =16-pin SOIC 300mil
- L = 8-contact WSON 8x6mm
- J = 8-contact WSON 8x6mm (3)
- G = 24-ball TFBGA (4x6 ball array)
- H = 24-ball TFBGA (5x5 ball array)
- W = KGD (Call Factory)
- Halogen-Free, RoHS & TSCA Compliant




Similar Part No. - IS25LP256D

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25LP256D ISSI-IS25LP256D Datasheet
2Mb / 174P
SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP256D-EGLA3 ISSI-IS25LP256D-EGLA3 Datasheet
2Mb / 174P
SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP256D-EGLE ISSI-IS25LP256D-EGLE Datasheet
2Mb / 174P
SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP256D-EHLA3 ISSI-IS25LP256D-EHLA3 Datasheet
2Mb / 174P
SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP256D-EHLE ISSI-IS25LP256D-EHLE Datasheet
2Mb / 174P
SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
More results


Similar Description - IS25LP256D

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25WP016 ISSI-IS25WP016 Datasheet
2Mb / 112P
1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
IS25LP128 ISSI-IS25LP128 Datasheet
2Mb / 90P
3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
IS25WP128 ISSI-IS25WP128 Datasheet
929Kb / 107P
1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
IS25LP080D ISSI-IS25LP080D Datasheet
1Mb / 108P
SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP016D ISSI-IS25LP016D Datasheet
1Mb / 114P
SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP032D ISSI-IS25LP032D Datasheet
2Mb / 118P
SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP064A ISSI-IS25LP064A Datasheet
1Mb / 99P
3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP256D ISSI-IS25LP256D Datasheet
2Mb / 174P
SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25WP064A ISSI-IS25WP064A Datasheet
1Mb / 111P
1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
logo
Renesas Technology Corp
AT25QL641 RENESAS-AT25QL641 Datasheet
3Mb / 80P
SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
Sep 14, 2022
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com