Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF18854 Datasheet (PDF) - Microchip Technology

PIC16LF18854 Datasheet PDF - Microchip Technology
Part # PIC16LF18854
Download  PIC16LF18854 Download
File Size   12422.54 Kbytes
Page   630 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Full-Featured 28/40/44-Pin Microcontrollers

PIC16LF18854 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16LF18854 Datasheet PDF - Microchip Technology

Part # PIC16LF18854
Download  PIC16LF18854 Click to download

File Size   12422.54 Kbytes
Page   630 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Full-Featured 28/40/44-Pin Microcontrollers

PIC16LF18854 Datasheet (HTML) - Microchip Technology


PIC16LF18854 Product details

Description
PIC16(L)F18854 microcontrollers feature Analog, Core Independent Peripherals and Communication Peripherals,
combined with eXtreme Low-Power (XLP) technology for a wide range of general purpose and low-power applications.
The family will feature the CRC/SCAN, Hardware Limit Timer (HLT) and Windowed Watchdog Timer (WWDT) to support
customers looking to add safety to their application. Additionally, this family includes up to 7 KB of Flash memory, along
with a 10-bit ADC with Computation (ADC2) extensions for automated signal analysis to reduce the complexity of the
application.

Core Features
• C Compiler Optimized RISC Architecture
• Only 49 Instructions
• Operating Speed:
- DC – 32 MHz clock input
- 125 ns minimum instruction cycle
• Interrupt Capability
• 16-Level Deep Hardware Stack
• Three 8-Bit Timers (TMR2/4/6) with Hardware
Limit Timer (HLT) Extensions
• Four 16-Bit Timers (TMR0/1/3/5)
• Low-Current Power-on Reset (POR)
• Configurable Power-up Timer (PWRTE)
• Brown-out Reset (BOR) with Fast Recovery
• Low-Power BOR (LPBOR) Option
• Windowed Watchdog Timer (WWDT):
- Variable prescaler selection
- Variable window size selection
- All sources configurable in hardware or
software
• Programmable Code Protection




Similar Part No. - PIC16LF18854

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF18854 MICROCHIP-PIC16LF18854 Datasheet
6Mb / 668P
C Compiler Optimized RISC Architecture
07/14/15
PIC16LF18854 MICROCHIP-PIC16LF18854 Datasheet
12Mb / 666P
Full-Featured 28/40/44-Pin Microcontrollers
07/14/15
PIC16LF18854 MICROCHIP-PIC16LF18854 Datasheet
10Mb / 620P
Full-Featured 28/40/44-Pin Microcontrollers
07/14/15
PIC16LF18854 MICROCHIP-PIC16LF18854 Datasheet
12Mb / 664P
Full-Featured 28/40/44-Pin Microcontrollers
07/14/15
PIC16LF18854 MICROCHIP-PIC16LF18854 Datasheet
13Mb / 684P
Full-Featured 28/40/44-Pin Microcontrollers
11/07/16
More results


Similar Description - PIC16LF18854

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF876A-I MICROCHIP-PIC16LF876A-I Datasheet
2Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
PIC18LF4610T-I MICROCHIP-PIC18LF4610T-I Datasheet
6Mb / 376P
28/40/44-Pin Flash Microcontrollers
03/26/09
PIC16LF877A-I MICROCHIP-PIC16LF877A-I Datasheet
2Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
07/28/03
PIC16F18455 MICROCHIP-PIC16F18455 Datasheet
8Mb / 706P
28-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F18857 MICROCHIP-PIC16F18857 Datasheet
7Mb / 668P
Full-Featured 28/40/44-Pin Microcontrollers
02/28/20
PIC16F19155 MICROCHIP-PIC16F19155 Datasheet
11Mb / 754P
Full-Featured 28/40/44/48-Pin Microcontrollers
05/14/19
PIC16F19195 MICROCHIP-PIC16F19195 Datasheet
9Mb / 731P
Full-Featured 64-Pin Microcontrollers
05/14/19
PIC16F15354 MICROCHIP-PIC16F15354 Datasheet
5Mb / 538P
Full-Featured 28-Pin Microcontrollers
10/25/17
PIC16F15356 MICROCHIP-PIC16F15356 Datasheet
8Mb / 605P
Full-Featured 28/40/44/48-Pin Microcontrollers
10/25/17
PIC16F18054 MICROCHIP-PIC16F18054 Datasheet
8Mb / 567P
PIC16F18054/55/74/75 Full-Featured, 28/40-Pin Microcontrollers
2022
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com