Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-8211C Datasheet (PDF) - Seiko Instruments Inc

S-8211C Datasheet PDF - Seiko Instruments Inc
Part # S-8211C
Download  S-8211C Download
File Size   404.6 Kbytes
Page   41 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description BATTERY PROTECTION IC FOR 1-CELL PACK

S-8211C Datasheet (PDF)

Go To PDF Page Download Datasheet
S-8211C Datasheet PDF - Seiko Instruments Inc

Part # S-8211C
Download  S-8211C Click to download

File Size   404.6 Kbytes
Page   41 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description BATTERY PROTECTION IC FOR 1-CELL PACK

S-8211C Datasheet (HTML) - Seiko Instruments Inc


S-8211C Product details

The S-8211C Series are protection ICs for single-cell lithium-ion / lithium polymer rechargeable batteries and include high-accuracy voltage detectors and delay circuits.
These ICs are suitable for protecting single-cell rechargeable lithium-ion / lithium polymer battery packs from overcharge, overdischarge, and overcurrent.

Features
(1) High-accuracy voltage detection circuit
    • Overcharge detection voltage 3.9 to 4.4 V (5 mV steps) Accuracy ±25 mV (+25 °C) Accuracy ±30 mV (−5 to +55 °C)
    • Overcharge release voltage 3.8 to 4.4 V*1 Accuracy ±50 mV
    • Overdischarge detection voltage 2.0 to 3.0 V (10 mV steps) Accuracy ±50 mV
    • Overdischarge release voltage 2.0 to 3.4 V*2 Accuracy ±100 mV
    • Discharge overcurrent detection voltage 0.05 to 0.30 V (10 mV steps) Accuracy ±15 mV
    • Load short-circuiting detection voltage 0.5 V (fixed) Accuracy ±200 mV
    • Charge overcurrent detection voltage −0.1 V (fixed) Accuracy ±30 mV
(2) Detection delay times are generated by an internal circuit (external capacitors are unnecessary). Accuracy ±20%
(3) High-withstanding-voltage device is used for charger connection pins (VM pin and CO pin : Absolute maximum rating = 28 V)
(4) 0 V battery charge function available / unavailable are selectable.
(5) Wide operating temperature range −40 to +85 °C
(6) Low current consumption
    • Operation mode 3.0 µA typ., 5.5 µA max. (+25 °C)
    • Power-down mode 0.2 µA max. (+25 °C)
(7) Small package SOT-23-5, SNT-6A
(8) Lead-free product

*1. Overcharge release voltage = Overcharge detection voltage − Overcharge hysteresis voltage(Overcharge hysteresis voltage can be selected as 0 V or from a range of 0.1 to 0.4 V in 50 mV steps.)
*2. Overdischarge release voltage = Overdischarge detection voltage + Overdischarge hysteresis voltage(Overdischarge hysteresis voltage can be selected as 0 V or from a range of 0.1 to 0.7 V in 100 mV steps.)

Applications
• Lithium-ion rechargeable battery packs
• Lithium polymer rechargeable battery packs




Similar Part No. - S-8211C

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8211C ABLIC-S-8211C Datasheet
636Kb / 43P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
S-8211CAA-I6T1U ABLIC-S-8211CAA-I6T1U Datasheet
636Kb / 43P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
logo
Seiko Instruments Inc
S-8211CAA-M5T1G SII-S-8211CAA-M5T1G Datasheet
2Mb / 43P
BATTERY PROTECTION IC
S-8211CAA-M5T1U SII-S-8211CAA-M5T1U Datasheet
2Mb / 43P
BATTERY PROTECTION IC
S-8211CAA-M5T1X SII-S-8211CAA-M5T1X Datasheet
2Mb / 43P
BATTERY PROTECTION IC
More results


Similar Description - S-8211C

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
BATTERY PROTECTION IC FOR 1-CELL PACK
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
Protection IC for 1-Cell Battery Pack
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
S-82H1B ABLIC-S-82H1B Datasheet
561Kb / 29P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.0_00
S-8211C ABLIC-S-8211C Datasheet
636Kb / 43P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
S-8250B ABLIC-S-8250B Datasheet
577Kb / 32P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_03
S-8240A ABLIC-S-8240A Datasheet
783Kb / 48P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
logo
Neotec Semiconductor Lt...
NT1713C NEOTEC-NT1713C Datasheet
283Kb / 5P
Protection IC for 1-Cell Battery Pack
V1.1
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
Battery Protection IC for 1-Cell Pack
V1.13
NT1715C NEOTEC-NT1715C Datasheet
228Kb / 4P
Battery Protection IC for 1-Cell Pack
V1.4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com