Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMG708B0 Datasheet (PDF) - Texas Instruments

LMG708B0 Datasheet PDF - Texas Instruments
Part # LMG708B0
Download  LMG708B0 Download
File Size   737.22 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMG708B0 80VIN, 20AOUT, High Power Density GaN Synchronous Buck Converter

LMG708B0 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMG708B0 Datasheet PDF - Texas Instruments

Part # LMG708B0
Download  LMG708B0 Click to download

File Size   737.22 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMG708B0 80VIN, 20AOUT, High Power Density GaN Synchronous Buck Converter

LMG708B0 Datasheet (HTML) - Texas Instruments


LMG708B0 Product details

1 Features
• 20A synchronous buck DC/DC converter
– Low RDS(on) gallium-nitride (GaN) power FETs
– Wide input voltage range of 5V to 80V
– Adjustable output voltage from 1V to 55V, or
fixed output options of 5V or 12V
– Maximum junction temperature of 125°C
– Frequency adjustable from 200kHz to 2.64MHz
– 25ns tON(min) for high step-down conversion
– CV or CC regulation with dynamic adjustment
• High efficiency across the full load range
– 97% at 48VIN, 12VOUT, 20A, 400kHz
– Optimized near-zero deadtime switching
– Multiphase stackable for higher output current
– Dual-input VCC subregulator with BIAS option
– Thermally-enhanced eQFN-22 package with
optional top-side cooling
• Designed for ultra-low emissions requirements
– Spread spectrum (DRSS) frequency modulation
– Optional external clock synchronization
– Selectable FPWM or PFM mode at light loads
– Integrated bootstrap capacitor
• Integrated protection features for robust design
– Hiccup-mode overcurrent protection
– Average output current monitoring (IMON)
– Precision enable and PGOOD functions
– VIN, VCC, and gate-drive UVLO protection
• Create a custom design using the LMG708B0 with
the WEBENCH® Power Designer

2 Applications
• Communications systems: wireless infrastructure
• Industrial: test and measurement, power delivery
• Enterprise systems: high-performance computing

3 Description
The LMG708B0 is a GaN synchronous buck DC/DC
converter offered from a family of devices that
provide ultra-high current density and excellent power
conversion efficiency. The integrated low RDS(on) GaN
FETs with near-zero deadtime switching performance
enable up to 20A of output current across a wide input
voltage range of 5V to 80V.
Phase stackable with synchronized interleaving, the
peak current-mode architecture of the LMG708B0
supports accurate current sharing with paralleled
phases for even higher output current. Along
with constant-voltage (CV) operation, a dual-loop
architecture with shared compensation provides
constant-current (CC) regulation for battery charging
and other current-source type loads. This cohesive
approach enables a seamless transition between CV
and CC modes, and high accuracy for voltage (±1%)
and current (±4.5%) regulation, effectively reducing
the bill-of-materials (BOM) cost for applications that
require average output current control. VSET and
ISET inputs facilitate dynamic adjustment of the
respective CV and CC loop setpoints, and an IMON
output provides average output current monitoring.
The LMG708B0 has a thermally enhanced package
(TEP) with optional top-side cooling (TSC) through
exposed package connections and low package
parasitic inductance for quiet switching performance.




Similar Part No. - LMG708B0

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
LMG7400PLFC HITACHI-LMG7400PLFC Datasheet
216Kb / 2P
240 128 DOTS
LMG7402PLFF HITACHI-LMG7402PLFF Datasheet
216Kb / 2P
240 128 DOTS
LMG7420PLFC-X HITACHI-LMG7420PLFC-X Datasheet
222Kb / 2P
240 128 DOTS
LMG7520RPFC HITACHI-LMG7520RPFC Datasheet
276Kb / 25P
LCD MODULE
More results


Similar Description - LMG708B0

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3231 ONSEMI-NCP3231 Datasheet
157Kb / 15P
High Current Synchronous Buck Converter
May, 2015 ??Rev. 5
NCP3231A ONSEMI-NCP3231A Datasheet
153Kb / 14P
High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
NCP3232N ONSEMI-NCP3232N Datasheet
185Kb / 14P
High Current Synchronous Buck Converter
June, 2015 ??Rev. 5
NCP3233 ONSEMI-NCP3233 Datasheet
128Kb / 17P
High Current Synchronous Buck Converter
November, 2015 ??Rev. 4
NCP3230 ONSEMI-NCP3230 Datasheet
156Kb / 15P
High Current Synchronous Buck Converter
August, 2016 ??Rev. 0
NCP3233 ONSEMI-NCP3233_16 Datasheet
135Kb / 17P
High Current Synchronous Buck Converter
February, 2016 ??Rev. 5
NCP3235 ONSEMI-NCP3235 Datasheet
318Kb / 16P
High Current Synchronous Buck Converter
May, 2016 ??Rev. 0
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
logo
ON Semiconductor
NCP3231B ONSEMI-NCP3231B Datasheet
296Kb / 14P
Buck Converter - Synchronous, High Current
August, 2019 ??Rev. 0
NCP4060A ONSEMI-NCP4060A Datasheet
1Mb / 21P
Buck Converter - High Voltage, Synchronous
August, 2019 ??Rev. 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com