Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA1611 Datasheet (PDF) - Texas Instruments

OPA1611 Datasheet PDF - Texas Instruments
Part # OPA1611
Download  OPA1611 Download
File Size   1503.1 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA161x SoundPlus™ High-Performance, Bipolar-Input Audio Operational Amplifiers

OPA1611 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA1611 Datasheet PDF - Texas Instruments

Part # OPA1611
Download  OPA1611 Click to download

File Size   1503.1 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA161x SoundPlus™ High-Performance, Bipolar-Input Audio Operational Amplifiers

OPA1611 Datasheet (HTML) - Texas Instruments


OPA1611 Product details

1 Features
1• Superior Sound Quality
• Ultralow Noise: 1.1 nV/√Hz at 1 kHz
• Ultralow Distortion:
0.000015% at 1 kHz
• High Slew Rate: 27 V/μs
• Wide Bandwidth: 40 MHz (G = +1)
• High Open-Loop Gain: 130 dB
• Unity Gain Stable
• Low Quiescent Current:
3.6 mA per Channel
• Rail-to-Rail Output
• Wide Supply Range: ±2.25 V to ±18 V
• Single and Dual Versions Available

2 Applications
• Professional Audio Equipment
• Microphone Preamplifiers
• Analog and Digital Mixing Consoles
• Broadcast Studio Equipment
• Audio Test And Measurement
• High-End A/V Receivers

3 Description
The OPA1611 (single) and OPA1612 (dual) bipolar-
input operational amplifiers achieve very low 1.1-nV/√Hz noise density with an ultralow distortion of
0.000015% at 1 kHz. The OPA1611 and OPA1612
offer rail-to-rail output swing to within 600 mV with a
2-kΩ load, which increases headroom and maximizes
dynamic range. These devices also have a high output drive capability of ±30 mA.
These devices operate over a very wide supply range of ±2.25 V to ±18 V, on only 3.6 mA of supply current
per channel. The OPA1611 and OPA1612 op amps
are unity-gain stable and provide excellent dynamic
behavior over a wide range of load conditions.
The dual version features completely independent
circuitry for lowest crosstalk and freedom from
interactions between channels, even when overdriven
or overloaded.
Both the OPA1611 and OPA1612 are available in SOIC-8 packages and the OPA1612 is available in
SON-8. These devices are specified from –40°C to
+85°C.




Similar Part No. - OPA1611

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1611 TI-OPA1611 Datasheet
736Kb / 21P
High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1611 TI-OPA1611 Datasheet
1Mb / 31P
SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
OPA1611 TI2-OPA1611 Datasheet
1Mb / 34P
OPA161x SoundPlus™ High-Performance, Bipolar-Input Audio Operational Amplifiers
REVISED AUGUST 2014
OPA1611AID TI-OPA1611AID Datasheet
736Kb / 21P
High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1611AID TI-OPA1611AID Datasheet
1Mb / 31P
SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
More results


Similar Description - OPA1611

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1611 TI-OPA1611 Datasheet
736Kb / 21P
High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1602_1111 TI1-OPA1602_1111 Datasheet
1Mb / 28P
High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
NOVEMBER2011
OPA1602 TI-OPA1602_15 Datasheet
1Mb / 29P
High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1611 TI-OPA1611_15 Datasheet
1Mb / 31P
SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
OPA1612-Q1 TI-OPA1612-Q1_15 Datasheet
1Mb / 31P
OPA1612-Q1 SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
OPA1622 TI-OPA1622 Datasheet
2Mb / 36P
OPA1622 SoundPlus??High-Fidelity, Bipolar-Input, Audio Operational Amplifier
OPA1612-Q1 TI1-OPA1612-Q1 Datasheet
1Mb / 31P
SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
OPA1641-Q1 TI1-OPA1641-Q1 Datasheet
679Kb / 31P
SoundPlus JFET-Input, Automotive-Grade, Audio Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com