Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA1641 Datasheet (PDF) - Texas Instruments

OPA1641 Datasheet PDF - Texas Instruments
Part # OPA1641
Download  OPA1641 Download
File Size   1415.6 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA164x SoundPlus™ High-Performance, JFET-Input Audio Operational Amplifiers

OPA1641 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA1641 Datasheet PDF - Texas Instruments

Part # OPA1641
Download  OPA1641 Click to download

File Size   1415.6 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA164x SoundPlus™ High-Performance, JFET-Input Audio Operational Amplifiers

OPA1641 Datasheet (HTML) - Texas Instruments


OPA1641 Product details

1 Features
1• Superior Sound Quality
• True JFET Input Operational Amplifier
With Low Input Bias Current
• Low Noise: 5.1 nV/√Hz at 1 kHz
• Ultralow Distortion: 0.00005% at 1 kHz
• High Slew Rate: 20 V/μs
• Unity Gain Stable
• No Phase Reversal
• Low Quiescent Current:
1.8 mA per Channel
• Rail-to-rail Output
• Wide Supply Range: ±2.25 V to ±18 V
• Single, Dual, and Quad Versions Available

2 Applications
• Professional Audio Equipment
• Analog and Digital Mixing Consoles
• Broadcast Studio Equipment
• High-End A/V Receivers
• High-End Blu-ray™ Players

3 Description
The OPA1641 (single), OPA1642 (dual), and
OPA1644 (quad) series are JFET-input, ultralow
distortion, low-noise operational amplifiers fully
specified for audio applications.
The OPA1641, OPA1642, and OPA1644 rail-to-rail
output swing allows increased headroom, making
these devices ideal for use in any audio circuit.
Features include 5.1-nV/√Hz noise, low THD+N
(0.00005%), a low input bias current of 2 pA, and low
quiescent current of 1.8 mA per channel.
These devices operate over a very wide supply
voltage range of ±2.25 V to ±18 V. The OPA1641,
OPA1642, and OPA1644 series of operational
amplifiers are unity-gain stable and provide excellent
dynamic behavior over a wide range of load
conditions.
The dual and quad versions feature completely
independent circuitry for lowest crosstalk and
freedom from interactions between channels, even
when overdriven or overloaded.
The OPA1641, OPA1642, and OPA1644 are
specified from –40°C to +85°C. SoundPlus™




Similar Part No. - OPA1641

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641 Datasheet
742Kb / 22P
High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641 Datasheet
865Kb / 25P
High-Perforamnce,JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI1-OPA1641 Datasheet
631Kb / 31P
Sound Plus High-Performance, JFET-Input Audio Operational Amplifiers
OPA1641 TI1-OPA1641 Datasheet
679Kb / 31P
SoundPlus JFET-Input, Automotive-Grade, Audio Operational Amplifiers
More results


Similar Description - OPA1641

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34080 ONSEMI-MC34080 Datasheet
282Kb / 16P
HIGH PERFORMANCE JFET INPUT OPERATIONAL AMPLIFIERS
1996 REV 0
logo
Texas Instruments
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641_101 TI-OPA1641_101 Datasheet
865Kb / 25P
High-Perforamnce,JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1611 TI-OPA1611_15 Datasheet
1Mb / 31P
SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
OPA1612-Q1 TI-OPA1612-Q1_15 Datasheet
1Mb / 31P
OPA1612-Q1 SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1612-Q1 TI1-OPA1612-Q1 Datasheet
1Mb / 31P
SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
OPA1641 TI1-OPA1641 Datasheet
631Kb / 31P
Sound Plus High-Performance, JFET-Input Audio Operational Amplifiers
OPA1641-Q1 TI1-OPA1641-Q1 Datasheet
679Kb / 31P
SoundPlus JFET-Input, Automotive-Grade, Audio Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com