Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA1652 Datasheet (PDF) - Texas Instruments

OPA1652 Datasheet PDF - Texas Instruments
Part # OPA1652
Download  OPA1652 Download
File Size   2135.31 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA165x SoundPlus™ Low Noise and Distortion, General-Purpose, FET-Input Audio Operational Amplifiers

OPA1652 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA1652 Datasheet PDF - Texas Instruments

Part # OPA1652
Download  OPA1652 Click to download

File Size   2135.31 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA165x SoundPlus™ Low Noise and Distortion, General-Purpose, FET-Input Audio Operational Amplifiers

OPA1652 Datasheet (HTML) - Texas Instruments


OPA1652 Product details

1 Features
1• Low Noise:
4.5 nV/√Hz at 1 kHz
3.8 nV/√Hz at 10 kHz
• Low Distortion: 0.00005% at 1 kHz
• Low Quiescent Current:
2 mA per Channel
• Low Input Bias Current: 10 pA
• Slew Rate: 10 V/μs
• Wide Gain Bandwidth: 18 MHz (G = 1)
• Unity-Gain Stable
• Rail-to-Rail Output
• Wide Supply Range:
±2.25 V to ±18 V, or 4.5 V to 36 V
• Dual and Quad Versions Available
• Small Package Sizes:
Dual: SO-8 and MSOP-8
Quad: SO-14 and TSSOP-14

2 Applications
• Analog and Digital Mixers
• Audio Effects Processors
• Musical Instruments
• A/V Receivers
• DVD and Blu-Ray™ Players
• Car Audio Systems

3 Description
The OPA1652 (dual) and OPA1654 (quad) FET-input
operational amplifiers achieve a low 4.5-nV/√Hz noise
density with an ultra-low distortion of 0.00005% at 1
kHz. The OPA1652 and OPA1654 op amps offer railto-
rail output swing to within 800 mV with a 2-kΩ
load, which increases headroom and maximizes
dynamic range. These devices also have a high
output drive capability of ±30 mA.
These devices operate over a very-wide-supply range
of ±2.25 V to ±18 V, or 4.5 V to 36 V, on only 2 mA of
supply current per channel. The OPA1652 and
OPA1654 op amps are unity-gain stable and provide
excellent dynamic behavior over a wide range of load
conditions.
These devices also feature completely independent
circuitry for lowest crosstalk and freedom from
interactions between channels, even when overdriven
or overloaded.
The OPA1652 and OPA1654 temperature ranges are
specified from –40°C to +85°C.




Similar Part No. - OPA1652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1652 TI1-OPA1652 Datasheet
1Mb / 28P
Low Noise and Distortion, General-Purpose, FET-Input
OPA1652 TI1-OPA1652 Datasheet
1Mb / 42P
Audio Operational Amplifiers
OPA1652AID TI1-OPA1652AID Datasheet
1Mb / 28P
Low Noise and Distortion, General-Purpose, FET-Input
OPA1652AID TI1-OPA1652AID Datasheet
1Mb / 42P
Audio Operational Amplifiers
OPA1652AIDGK TI1-OPA1652AIDGK Datasheet
1Mb / 28P
Low Noise and Distortion, General-Purpose, FET-Input
More results


Similar Description - OPA1652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1652 TI1-OPA1652 Datasheet
1Mb / 28P
Low Noise and Distortion, General-Purpose, FET-Input
OPA1662 TI1-OPA1662 Datasheet
1Mb / 29P
Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1662-Q1 TI-OPA1662-Q1 Datasheet
1Mb / 30P
Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1652 TI-OPA1652_15 Datasheet
1Mb / 29P
Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1662 TI-OPA1662_15 Datasheet
1Mb / 32P
Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA131 TI1-OPA131_16 Datasheet
1Mb / 21P
General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA1692 TI1-OPA1692 Datasheet
488Kb / 23P
Low-Power, Low-Noise and Low-Distortion Audio Operational Amplifiers
OPA1692 TI1-OPA1692_18 Datasheet
1Mb / 42P
Low-Power, Low-Noise and Low-Distortion SoundPlus Audio Operational Amplifiers
OPA1655 TI-OPA1655 Datasheet
3Mb / 38P
OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown??Audio Operational Amplifiers
DECEMBER 2021
OPA1655 TI-OPA1655_V01 Datasheet
3Mb / 42P
OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown™ Audio Operational Amplifiers
REVISED SEPTEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com