Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA1655DBVR Datasheet (PDF) - Texas Instruments

OPA1655DBVR Datasheet PDF - Texas Instruments
Part # OPA1655DBVR
Download  OPA1655DBVR Download
File Size   3191.51 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown™ Audio Operational Amplifiers

OPA1655DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA1655DBVR Datasheet PDF - Texas Instruments

Part # OPA1655DBVR
Download  OPA1655DBVR Click to download

File Size   3191.51 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown™ Audio Operational Amplifiers

OPA1655DBVR Datasheet (HTML) - Texas Instruments


OPA1655DBVR Product details

1 Features
• Ultra-low noise:
– Voltage noise: 2.9 nV/√Hz at 10 kHz
– Current noise: 6 fA/√Hz at 1 kHz
• Low distortion:
– 0.000029% (–131 dB) at 1 kHz
– 0.000035% (–129 dB) at 20 kHz
• High open-loop gain: 150 dB
• High output current: 100 mA
• Low input bias current: 10 pA
• Slew rate: 24 V/μs
• Gain bandwidth product: 53 MHz
• Rail-to-rail output
• Wide supply range:
±2.25 V to ±18 V or 4.5 V to 36 V
• Quiescent current: 3.9 mA per channel

2 Applications
• Professional microphones and wireless systems
• Professional audio mixer/control surface
• Guitar amplifier and other music instrument
amplifier
• A/V receiver
• Bookshelf stereo system
• Professional audio amplifier
• DJ equipment
• Turntable
• Special function module

3 Description
The OPA1655 and OPA1656 (OPA165x) are Burr-
Brown™ op amps designed specifically for audio
and industrial applications, where maintaining signal
fidelity is crucial. The FET-input architecture achieves
a low 2.9‑nV/√Hz voltage noise density and 6‑fA/√Hz
current noise density, allowing for very-low noise
performance in a wide variety of circuits. The high
bandwidth and high open-loop-gain design of the
OPA165x delivers a low distortion of 0.000035%
(–129 dB) at 20 kHz, and improves audio signal
fidelity across the full audio bandwidth. These devices
also feature excellent output current drive capability,
offering rail-to-rail output swing to within 250 mV of
the power supplies with a 2‑kΩ load, and can deliver
100 mA of output current.
The OPA165x operate over a very wide supply range
of ±2.25 V to ±18 V or (4.5 V to 36 V) on 3.9 mA
of supply current to accommodate the power-supply
constraints of many types of audio products. The
temperature range is specified from –40°C to +125°C.




Similar Part No. - OPA1655DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1655DBVR TI-OPA1655DBVR Datasheet
3Mb / 42P
OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown™ Audio Operational Amplifiers
REVISED SEPTEMBER 2022
More results


Similar Description - OPA1655DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1662 TI1-OPA1662 Datasheet
1Mb / 29P
Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1662-Q1 TI-OPA1662-Q1 Datasheet
1Mb / 30P
Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1652 TI-OPA1652_15 Datasheet
1Mb / 29P
Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1662 TI-OPA1662_15 Datasheet
1Mb / 32P
Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1678 TI1-OPA1678 Datasheet
1Mb / 41P
Low-Distortion Audio Operational Amplifiers
OPA1692 TI1-OPA1692 Datasheet
488Kb / 23P
Low-Power, Low-Noise and Low-Distortion Audio Operational Amplifiers
OPA1678 TI1-OPA1678_18 Datasheet
1Mb / 46P
Low-Distortion Audio Operational Amplifiers
OPA1656 TI1-OPA1656 Datasheet
611Kb / 23P
Ultra-low-noise, low-distortion, FET-input, Burr-Brown audio operational amplifier
OPA1655 TI-OPA1655 Datasheet
3Mb / 38P
OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown??Audio Operational Amplifiers
DECEMBER 2021
OPA1655 TI-OPA1655_V01 Datasheet
3Mb / 42P
OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown™ Audio Operational Amplifiers
REVISED SEPTEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com