Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA1671 Datasheet (PDF) - Texas Instruments

OPA1671 Datasheet PDF - Texas Instruments
Part # OPA1671
Download  OPA1671 Download
File Size   1313.24 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA1671 13-MHz, Low-Noise, Rail-to-Rail, Audio Operational Amplifier

OPA1671 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA1671 Datasheet PDF - Texas Instruments

Part # OPA1671
Download  OPA1671 Click to download

File Size   1313.24 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA1671 13-MHz, Low-Noise, Rail-to-Rail, Audio Operational Amplifier

OPA1671 Datasheet (HTML) - Texas Instruments


OPA1671 Product details

1 Features
1• Low noise:
4 nV/√Hz at 10 kHz
4.7 fA/√Hz at 1 kHz
• Low distortion: –109 dB (0.00035%)
• Wide gain bandwidth: 13 MHz
• Rail-to-rail input and output
• Low supply-voltage operation: 1.7 V to 5.5 V
• Low input capacitance
– Differential: 6 pF
– Common-mode: 2.5 pF
• Low input-bias current: 10 pA
• Low power supply current: 940 μA
• Industry-standard packages: SC-70 and SOT-23

2 Applications
• Microphone preamplifier
• Auxiliary line input and output
• Active filter circuit
• Transimpedance amplifier
• Voltage buffer

3 Description
The OPA1671 is a wide-bandwidth, low-noise, lowdistortion,
audio operational amplifier that provides
rail-to-rail input and output operation. This device
offers an excellent combination of low voltage noise,
current noise, and input capacitance, allowing the
device to deliver high performance in a wide array of
audio and industrial applications. The unique internal
topology of the OPA1671 delivers very low distortion
(–109 dB), while only consuming 940 μA of power
supply current. The wide bandwidth (13 MHz) and
high slew rate (5 V/μs) of OPA1671 makes this
device an excellent choice for high gain audio and
industrial signal conditioning.
The OPA1671 is available in the SC-70 and SOT-23
packages and is specified over the industrial
temperature range (–40°C to +125°C).




Similar Part No. - OPA1671

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1671 TI1-OPA1671 Datasheet
368Kb / 18P
12-MHz, Low-Noise, Rail-to-Rail, Audio Operational Amplifier
OPA1671 TI1-OPA1671 Datasheet
1Mb / 28P
OPA1671 13-MHz, Low-Noise, Rail-to-Rail, Audio Operational Amplifier
OPA1671IDBVR TI1-OPA1671IDBVR Datasheet
1Mb / 28P
OPA1671 13-MHz, Low-Noise, Rail-to-Rail, Audio Operational Amplifier
OPA1671IDBVT TI1-OPA1671IDBVT Datasheet
1Mb / 28P
OPA1671 13-MHz, Low-Noise, Rail-to-Rail, Audio Operational Amplifier
OPA1671IDCKR TI1-OPA1671IDCKR Datasheet
368Kb / 18P
12-MHz, Low-Noise, Rail-to-Rail, Audio Operational Amplifier
More results


Similar Description - OPA1671

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS971 STMICROELECTRONICS-TS971_07 Datasheet
473Kb / 17P
Output rail-to-rail very low noise operational amplifier
20-Dec-2007
logo
New Japan Radio
NJU7029 NJRC-NJU7029 Datasheet
550Kb / 13P
Low Noise, Rail-to-Rail Output Dual CMOS Operational Amplifier
logo
Texas Instruments
MCP6291 TI1-MCP6291 Datasheet
1Mb / 25P
10-MHz, Rail-to-Rail Operational Amplifier
MCP6291 TI1-MCP6291_17 Datasheet
1Mb / 28P
10-MHz, Rail-to-Rail Operational Amplifier
MCP6291 TI1-MCP6291_18 Datasheet
1Mb / 32P
10-MHz, Rail-to-Rail Operational Amplifier
MCP6291_018 TI1-MCP6291_018 Datasheet
1Mb / 33P
10-MHz, Rail-to-Rail Operational Amplifier
OPA145 TI1-OPA145_18 Datasheet
1Mb / 39P
High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
OPA1671 TI1-OPA1671 Datasheet
368Kb / 18P
12-MHz, Low-Noise, Rail-to-Rail, Audio Operational Amplifier
MCP6291 TI1-MCP6291_19 Datasheet
2Mb / 40P
10-MHz, Rail-to-Rail Operational Amplifier
OPA1671 TI1-OPA1671_V01 Datasheet
1Mb / 28P
OPA1671 13-MHz, Low-Noise, Rail-to-Rail, Audio Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com