Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA1688 Datasheet (PDF) - Texas Instruments

OPA1688 Datasheet PDF - Texas Instruments
Part # OPA1688
Download  OPA1688 Download
File Size   3852.88 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA1688 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output, SoundPlus™ Audio Operational Amplifier

OPA1688 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA1688 Datasheet PDF - Texas Instruments

Part # OPA1688
Download  OPA1688 Click to download

File Size   3852.88 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA1688 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output, SoundPlus™ Audio Operational Amplifier

OPA1688 Datasheet (HTML) - Texas Instruments


OPA1688 Product details

1 Features
• THD+N, 50 mW, 32 Ω, 1 kHz, –109 dB
• Wide supply range:
– 4.5 V to 36 V, ±2.25 V to ±18 V
• Low offset voltage: ±0.25 mV
• Low offset drift: ±0.5 μV/°C
• Gain bandwidth: 10 MHz
• Low input bias current: ±10 pA
• Low quiescent current: 1.6 mA per amplifier
• Low noise: 8 nV/√Hz
• EMI- and RFI-filtered inputs
• Input range includes negative supply
• Input range operates to positive supply
• Rail-to-rail output
• High common-mode rejection: 120 dB
• Packages:
– Industry-standard SOIC-8
– micro WSON-8

2 Applications
• Professional microphones and wireless systems
• Professional audio mixer and control surface
• Guitar amp and other music instrument amps
• A/V receiver
• Bookshelf stereo system
• Professional audio amplifier (rack mount)
• DJ equipment
• Turntable
• Special function module

3 Description
The OPA1688 36-V, single-supply, low-noise
SoundPlus™ audio operational amplifier is capable of
operating on supplies ranging from 4.5 V (±2.25 V) to
36 V (±18 V). This latest addition of a high-voltage
audio operational amplifier in conjunction with the
OPA16xx devices provide a family of bandwidth,
noise, and power options to meet the needs of a wide
variety of applications. The OPA1688 is available in
a WSON micropackage, and offers low offset, drift,
and quiescent current. This device also offers wide
bandwidth, fast slew rate, and high output current
drive capability.
Unlike most op amps that are specified at only one
supply voltage, the OPA1688 is specified from 4.5 V
to 36 V. Input signals beyond the supply rails do not
cause phase reversal. The input can operate 100 mV
below the negative rail and within 2 V of the top rail
during normal operation. Note that this device can
operate with full rail-to-rail input 100 mV beyond the
top rail, but with reduced performance within 2 V of
the top rail.
The OPA1688 is specified from –40°C to +85°C.




Similar Part No. - OPA1688

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1688 TI-OPA1688 Datasheet
2Mb / 38P
OPA168x SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688 TI1-OPA1688 Datasheet
2Mb / 41P
SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688ID TI1-OPA1688ID Datasheet
2Mb / 41P
SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688IDR TI1-OPA1688IDR Datasheet
2Mb / 41P
SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688IDRGR TI1-OPA1688IDRGR Datasheet
2Mb / 41P
SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
More results


Similar Description - OPA1688

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA212-Q1 TI1-INA212-Q1 Datasheet
2Mb / 29P
36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
OPA2172 TI-OPA2172 Datasheet
3Mb / 42P
OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA4172 TI-OPA4172 Datasheet
3Mb / 42P
OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688 TI-OPA1688 Datasheet
2Mb / 38P
OPA168x SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172 TI-OPA172_15 Datasheet
3Mb / 50P
OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688 TI-OPA1688_15 Datasheet
2Mb / 40P
SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172 TI1-OPA172 Datasheet
3Mb / 50P
36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688 TI1-OPA1688 Datasheet
2Mb / 41P
SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172-Q1 TI1-OPA172-Q1 Datasheet
2Mb / 36P
36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Automotive Grade Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com