Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA2156 Datasheet (PDF) - Texas Instruments

OPA2156 Datasheet PDF - Texas Instruments
Part # OPA2156
Download  OPA2156 Download
File Size   1280.03 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA2156 36-V, Ultra-Low Noise, Wide-Bandwidth, CMOS, Precision, Rail-to-Rail, Operational Amplifier

OPA2156 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA2156 Datasheet PDF - Texas Instruments

Part # OPA2156
Download  OPA2156 Click to download

File Size   1280.03 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA2156 36-V, Ultra-Low Noise, Wide-Bandwidth, CMOS, Precision, Rail-to-Rail, Operational Amplifier

OPA2156 Datasheet (HTML) - Texas Instruments


OPA2156 Product details

1 Features
1• Ultra-low noise: 3 nV/√Hz at 10 kHz
• Low offset voltage: ±25 μV
• Low offset voltage drift: ±0.5 μV/°C
• Low bias current: ±5 pA
• Common-Mode Rejection: 120dB
• Low Noise: 3 nV/√Hz at 10 kHz
• Wide bandwidth: 25-MHz GBW
• Open-loop voltage gain: 154 dB
• High output current: 100 mA
• Rail-to-rail input and output
• High slew rate: 40 V/μs
• Fast settling time: 600 ns (10-V step, 0.01%)
• Wide supply: ±2.25 V to ±18 V, 4.5 V to 36 V
• Industry standard packages:
– Dual in SOIC-8 and VSSOP-8

2 Applications
• Data acquisition (DAQ)
• Photodiode Transimpedance Amplifiers
• Vibration monitor module
• Analog input module
• High-Resolution ADC Driver Amplifiers
• Medical Equipment

3 Description
The OPA2156 is the first in a planned new generation
of 36-V, rail-to-rail operational amplifiers (op amps).
This devices offers very low offset voltage (±25 μV),
drift (±0.5 μV/°C), and low bias current (±5 pA)
combined with very low broadband voltage noise (3
nV/√Hz) .
Unique features, such as rail-to-rail input and output
voltage ranges, wide bandwidth (25 MHz) high output
current (100 mA), and high slew rate (40 V/μs) make
the OPA2156 a robust, high-performance operational
amplifier for high-voltage precision industrial
applications.
The OPA2156 op amp is available in 8-pin SOIC and
VSSOP packages and is specified over the industrial
temperature range of –40°C to +125°C.




Similar Part No. - OPA2156

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2156 TI1-OPA2156 Datasheet
327Kb / 19P
36-V, Ultra-Low Noise, Wide-Bandwidth, Precision Rail-to-Rail Operational Amplifier
OPA2156 TI1-OPA2156 Datasheet
1Mb / 35P
36-V, Ultra-Low Noise, Wide-Bandwidth, Precision Rail-to-Rail Operational Amplifier
OPA2156ID TI1-OPA2156ID Datasheet
327Kb / 19P
36-V, Ultra-Low Noise, Wide-Bandwidth, Precision Rail-to-Rail Operational Amplifier
OPA2156ID TI1-OPA2156ID Datasheet
1Mb / 35P
36-V, Ultra-Low Noise, Wide-Bandwidth, Precision Rail-to-Rail Operational Amplifier
OPA2156IDGKR TI1-OPA2156IDGKR Datasheet
1Mb / 35P
36-V, Ultra-Low Noise, Wide-Bandwidth, Precision Rail-to-Rail Operational Amplifier
More results


Similar Description - OPA2156

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8661 AD-AD8661_06 Datasheet
613Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8667ARMZ AD-AD8667ARMZ Datasheet
638Kb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8661 AD-AD8661_16 Datasheet
570Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
Rev. E
logo
New Japan Radio
NJU7076 NJRC-NJU7076 Datasheet
1Mb / 12P
Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7076B NJRC-NJU7076B Datasheet
902Kb / 11P
Precision, Low Noise, Rail-to-Rail Output, Single CMOS Operational Amplifier
NJU7077 NJRC-NJU7077 Datasheet
1Mb / 12P
Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7078 NJRC-NJU7078 Datasheet
1Mb / 12P
Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
logo
Texas Instruments
TLV07 TI1-TLV07 Datasheet
263Kb / 21P
36-V Precision, Rail-to-Rail Output Operational Amplifier
OPA2156 TI1-OPA2156 Datasheet
327Kb / 19P
36-V, Ultra-Low Noise, Wide-Bandwidth, Precision Rail-to-Rail Operational Amplifier
OPA2156 TI1-OPA2156_19 Datasheet
1Mb / 35P
36-V, Ultra-Low Noise, Wide-Bandwidth, Precision Rail-to-Rail Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com