Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-8241 Datasheet (PDF) - Seiko Instruments Inc

S-8241 Datasheet PDF - Seiko Instruments Inc
Part # S-8241
Download  S-8241 Download
File Size   656.31 Kbytes
Page   38 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description BATTERY PROTECTION IC FOR 1-CELL PACK

S-8241 Datasheet (PDF)

Go To PDF Page Download Datasheet
S-8241 Datasheet PDF - Seiko Instruments Inc

Part # S-8241
Download  S-8241 Click to download

File Size   656.31 Kbytes
Page   38 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description BATTERY PROTECTION IC FOR 1-CELL PACK

S-8241 Datasheet (HTML) - Seiko Instruments Inc


S-8241 Product details

BATTERY PROTECTION IC FOR 1-CELL PACK



The S-8241 Series is a series of lithiumion/lithium polymer rechargeable battery protection ICs incorporating high-accuracy voltage detection circuits and delay circuits.

These ICs are suitable for protection of 1-cell lithium ion/lithium polymer battery packs from overcharge, overdischarge and overcurrent.



„Features

(1)  Internal high-accuracy voltage detection circuit

•Overcharge detection voltage:  3.9 to 4.4 V (5 mV-step)

   Accuracy of ±25 mV(+25 °C) and ± 30 mV(−5 to +55 °C)

•Overcharge release voltage:  3.8 to 4.4 V*1  Accuracy of ±50 mV

•Overdischarge detection voltage:  2.0 to 3.0 V (100 mV-step)  Accuracy of ±80 mV

•Overdischarge release voltage:  2.0 to 3.4 V*2  Accuracy of ±100 mV

•Overcurrent 1 detection voltage:  0.05 to 0.3 V (5 mV-step)  Accuracy of ±20 mV

•Overcurrent 2 detection voltage:  0.5 V (fixed)  Accuracy of ±100 mV

(2)  A high voltage withstand device isused for charger connection pins 

     (VM and CO pins: Absolute maximum rating = 26 V)

(3)  Delay times (overcharge: tCU; overdischarge: tDL; overcurrent 1: tlOV1 ; overcurrent 2: tlOV2) are generated by an internal circuit. (External capacitors are unnecessary.)  Accuracy of ±30%

(4)  Internal three-step overcurrent detection circuit (overcurrent 1, overcurrent 2, and load short-circuiting)

(5)  Either the 0 V battery charging function or 0 V battery charge inhibiting function can be selected.

(6)  Products with and without a power-down function can be selected.

(7)  Charger detection function and abnormal charge current detection function

•The overdischarge hysterisis is released by detecting a negative VM pin voltage (typ. −1.3 V) (Charger detection function).

•If the output voltage at DO pin is high and the VM pin voltage becomes equalto or lower than the charger detection voltage (typ. −1.3 V), the output voltage at CO pin goes low (Abnormal charge current detection function).

(8)  Low current consumption

    •Operation:  3.0 μA typ.  5.0 μA max.

    •Power-down mode:  0.1 μA max.

(9)  Wide operating temperature range: −40 to +85 °C

(10)  Small package  SOT-23-5, SNT-6A

(11) Lead-free products

*1.Overcharge release voltage = Overcharge detection voltage - Overcharge hysteresis

The overcharge hysteresis can be selected in the range 0.0, or 0.1 to 0.4 V in 50 mV steps. (However, selection

“Overcharge release voltage<3.8 V” is enabled.)

*2.Overdischarge release voltage = Overdischarge detection voltage + Overdischarge hysteresis

The overdischarge hysteresis can be selected in the range 0.0 to 0.7 V in100 mV steps. (However, selection

“Overdischarge release voltage>3.4 V” is enabled.)



„Applications

•Lithium-ion rechargeable battery packs

•Lithium- polymer rechargeable battery packs




Similar Part No. - S-8241

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8241ABKMC-GBKT2G SII-S-8241ABKMC-GBKT2G Datasheet
553Kb / 39P
BATTERY PROTECTION IC FOR 1-CELL PACK
More results


Similar Description - S-8241

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
BATTERY PROTECTION IC FOR 1-CELL PACK
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
Protection IC for 1-Cell Battery Pack
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
S-82H1B ABLIC-S-82H1B Datasheet
561Kb / 29P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.0_00
S-8211C ABLIC-S-8211C Datasheet
636Kb / 43P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
S-8250B ABLIC-S-8250B Datasheet
577Kb / 32P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_03
S-8240A ABLIC-S-8240A Datasheet
783Kb / 48P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
logo
Neotec Semiconductor Lt...
NT1713C NEOTEC-NT1713C Datasheet
283Kb / 5P
Protection IC for 1-Cell Battery Pack
V1.1
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
Battery Protection IC for 1-Cell Pack
V1.13
NT1715C NEOTEC-NT1715C Datasheet
228Kb / 4P
Battery Protection IC for 1-Cell Pack
V1.4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com