Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA1677DBVT Datasheet (PDF) - Texas Instruments

OPA1677DBVT Datasheet PDF - Texas Instruments
Part # OPA1677DBVT
Download  OPA1677DBVT Download
File Size   3728.61 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA167x Low-Distortion Audio Operational Amplifiers

OPA1677DBVT Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA1677DBVT Datasheet PDF - Texas Instruments

Part # OPA1677DBVT
Download  OPA1677DBVT Click to download

File Size   3728.61 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA167x Low-Distortion Audio Operational Amplifiers

OPA1677DBVT Datasheet (HTML) - Texas Instruments


OPA1677DBVT Product details

1 Features
• Low noise: 4.5 nV/√Hz at 1 kHz
• Low distortion: 0.0001% at 1 kHz
• High open-loop gain: 114 dB
• High common-mode rejection: 110 dB
• Low quiescent current:
– 2 mA per channel
• Low input bias current: 10 pA (typical)
• Slew rate: 9 V/μs
• Wide gain bandwidth: 16 MHz (G = 1)
• Unity-gain stable
• Rail-to-rail output
• Wide supply range:
– ±2.25 V to ±18 V, or 4.5 V to 36 V
• Single, dual, and quad-channel versions
• Available packages:
– Single: SOIC-8, SOT-23
– Dual: SOIC-8, small SON-8, VSSOP-8
– Quad: Small QFN-16, SO-14, TSSOP-14
• Temperature range: –40°C to +85°C

2 Applications
• Professional microphones and wireless systems
• Professional audio mixer/control surface
• Guitar amplifier and other music instrument
amplifier
• A/V receiver
• Automotive external amplifier

3 Description
The single-channel OPA1677, dual-channel
OPA1678, and quad-channel OPA1679 (OPA167x)
op amps offer higher system-level performance over
legacy op amps commonly used in audio circuitry.
The OPA167x amplifiers achieve a low 4.5-nV/√Hz
noise density and low distortion of 0.0001% at 1 kHz,
which improves audio signal fidelity. These devices
also offer rail-to-rail output swing to within 800 mV
with a 2-kΩ load, which increases headroom and
maximizes dynamic range.
To accommodate the power-supply constraints of
many types of audio products, the OPA167x operate
over a very-wide supply range of ±2.25 V to ±18 V
(or 4.5 V to 36 V) on only 2 mA of supply current.
These op amps are unity-gain stable and have
excellent dynamic behavior over a wide range of load
conditions, allowing the OPA167x to be used in many
audio circuits.
The OPA167x amplifiers use completely independent
internal circuitry for lowest crosstalk and freedom from
interactions between channels, even when overdriven
or overloaded.




Similar Part No. - OPA1677DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1677DBVT TI-OPA1677DBVT Datasheet
3Mb / 52P
OPA167x Low-Distortion Audio Operational Amplifiers
DECEMBER 2021
OPA1677DBVT TI-OPA1677DBVT Datasheet
2Mb / 51P
OPA167x Low-Distortion Audio Operational Amplifiers
REVISED DECEMBER 2022
More results


Similar Description - OPA1677DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1662 TI1-OPA1662 Datasheet
1Mb / 29P
Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1662-Q1 TI-OPA1662-Q1 Datasheet
1Mb / 30P
Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1678 TI1-OPA1678 Datasheet
1Mb / 41P
Low-Distortion Audio Operational Amplifiers
OPA1692 TI1-OPA1692 Datasheet
488Kb / 23P
Low-Power, Low-Noise and Low-Distortion Audio Operational Amplifiers
OPA1678 TI1-OPA1678_18 Datasheet
1Mb / 46P
Low-Distortion Audio Operational Amplifiers
OPA1678_1807 TI1-OPA1678_1807 Datasheet
1Mb / 48P
Low-Distortion Audio Operational Amplifiers
OPA1692 TI1-OPA1692_18 Datasheet
1Mb / 42P
Low-Power, Low-Noise and Low-Distortion SoundPlus Audio Operational Amplifiers
OPA1679-Q1 TI1-OPA1679-Q1 Datasheet
1,006Kb / 28P
OPA167x-Q1 Automotive, Low-Distortion Audio Operational Amplifiers
OPA1677 TI-OPA1677 Datasheet
3Mb / 52P
OPA167x Low-Distortion Audio Operational Amplifiers
DECEMBER 2021
OPA1677 TI-OPA1677_V01 Datasheet
2Mb / 51P
OPA167x Low-Distortion Audio Operational Amplifiers
REVISED DECEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com