Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA2889 Datasheet (PDF) - Texas Instruments

OPA2889 Datasheet PDF - Texas Instruments
Part # OPA2889
Download  OPA2889 Download
File Size   1154.16 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable

OPA2889 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA2889 Datasheet PDF - Texas Instruments

Part # OPA2889
Download  OPA2889 Click to download

File Size   1154.16 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable

OPA2889 Datasheet (HTML) - Texas Instruments


OPA2889 Product details

1FEATURES
2· FLEXIBLE SUPPLY RANGE:
+2.6V to +12V Single Supply
±1.3V to ±6V Dual Supplies
· UNITY-GAIN STABLE
· WIDEBAND ±5V OPERATION: 60MHz
(G = +2V/V)
· OUTPUT VOLTAGE SWING: ±4V
· HIGH SLEW RATE: 250V/ms
· LOW QUIESCENT CURRENT: 460mA/ch
· LOW DISABLE CURRENT: 18mA/ch

APPLICATIONS
· VIDEO LINE DRIVING
· xDSL LINE RECEIVERS
· HIGH-SPEED IMAGING CHANNELS
· ADC BUFFERS
· PORTABLE INSTRUMENTS
· TRANSIMPEDANCE AMPLIFIERS
· ACTIVE FILTERS

DESCRIPTION
The OPA2889 represents a major step forward in
unity-gain stable, voltage-feedback op amps. A new
internal architecture provides slew rate and full-power bandwidth previously found only in wideband,
current-feedback op amps. These capabilities give
exceptional full-power bandwidth. Using a dual ±5V
supply, the OPA2889 can deliver a ±4V output swing
with over 40mA drive current and 60MHz bandwidth. This combination of features makes the OPA2889 an
ideal RGB line driver or single-supply analog-to-digital
converter (ADC) input driver or low power twisted pair
line receiver.
The low 460mA/ch supply current of the OPA2889 is
precisely trimmed at +25°C. System power may be
reduced further using the optional disable control pin.
Leaving this disable pin open, or holding it HIGH,
operates the OPA2889 normally. If pulled LOW, the OPA2889 supply current drops to less than 20mA/ch
while the output goes into a high-impedance state.




Similar Part No. - OPA2889

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2889 BURR-BROWN-OPA2889 Datasheet
1Mb / 35P
Dual, Low-Power, Wideband, Voltage Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA2889 TI-OPA2889 Datasheet
780Kb / 35P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
National Semiconductor ...
OPA2889 NSC-OPA2889 Datasheet
1Mb / 38P
Dual, Low-Power, Wideband, Voltage-Feedback
logo
Burr-Brown (TI)
OPA2889ID BURR-BROWN-OPA2889ID Datasheet
1Mb / 35P
Dual, Low-Power, Wideband, Voltage Feedback OPERATIONAL AMPLIFIER with Disable
logo
National Semiconductor ...
OPA2889ID NSC-OPA2889ID Datasheet
1Mb / 38P
Dual, Low-Power, Wideband, Voltage-Feedback
More results


Similar Description - OPA2889

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2680 BURR-BROWN-OPA2680 Datasheet
204Kb / 21P
Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA690 TI-OPA690 Datasheet
410Kb / 22P
Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA2690 BURR-BROWN-OPA2690 Datasheet
487Kb / 30P
Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA890 BURR-BROWN-OPA890 Datasheet
901Kb / 32P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2889 BURR-BROWN-OPA2889 Datasheet
1Mb / 35P
Dual, Low-Power, Wideband, Voltage Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA2890 TI-OPA2890 Datasheet
780Kb / 35P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2890 TI-OPA2890_08 Datasheet
815Kb / 35P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
National Semiconductor ...
OPA890 NSC-OPA890 Datasheet
1Mb / 34P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA690IDBVTG4 TI1-OPA690IDBVTG4 Datasheet
1Mb / 37P
Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2680 TI1-OPA2680 Datasheet
217Kb / 22P
Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com