Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-8242B Datasheet (PDF) - Seiko Instruments Inc

S-8242B Datasheet PDF - Seiko Instruments Inc
Part # S-8242B
Download  S-8242B Download
File Size   395.68 Kbytes
Page   30 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK

S-8242B Datasheet (PDF)

Go To PDF Page Download Datasheet
S-8242B Datasheet PDF - Seiko Instruments Inc

Part # S-8242B
Download  S-8242B Click to download

File Size   395.68 Kbytes
Page   30 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK

S-8242B Datasheet (HTML) - Seiko Instruments Inc


S-8242B Product details

The S-8242B Series are protection ICs for 2-serial-cell lithium-ion/lithium polymer rechargeable batteries and include high-accuracy voltage detectors and delay circuits.
These ICs are suitable for protecting 2-cell rechargeable lithium-ion / lithium polymer battery packs from overcharge, overdischarge, and overcurrent.

Features
(1) High-accuracy voltage detection for each cell
    • Overcharge detection voltage n (n = 1, 2) 3.9 V to 4.5 V (50 mV steps) Accuracy ±25 mV
    • Overcharge release voltage n (n = 1, 2) 3.8 V to 4.5 V*1 Accuracy ±50 mV
    • Overdischarge detection voltage n (n = 1, 2) 2.0 V to 3.0 V (100 mV steps) Accuracy ±50 mV
    • Overdischarge release voltage n (n = 1, 2) 2.0 V to 3.4 V*2 Accuracy ±100 mV
    *1. Overcharge release voltage = Overcharge detection voltage − Overcharge hysteresis voltage
    (Overcharge hysteresis voltage n (n = 1, 2) can be selected as 0 V or from a range of 0.1 V to 0.4 V in 50 mV steps.)
    *2. Overdischarge release voltage = Overdischarge detection voltage + Overdischarge hysteresis voltage
    (Overdischarge hysteresis voltage n (n = 1, 2) can be selected as 0 V or from a range of 0.1 V to 0.7 V in 100 mV steps.)
(2) Two-level overcurrent detection (overcurrent 1, overcurrent 2)
    • Overcurrent detection voltage 1 0.05 V, 0.08 V to 0.30 V (10 mV steps) Accuracy ±15 mV
    • Overcurrent detection voltage 2 1.2 V (fixed) Accuracy ±300 mV
(3) Delay times (overcharge, overdischarge, overcurrent) are generated by an internal circuit (external capacitors are unnecessary).
(4) 0 V battery charge function available/unavailable are selectable.
(5) Charger detection function
    • The overdischarge hysteresis is released by detecting negative voltage at the VM pin (−0.7 V typ.) (Charger detection function).
(6) High-withstanding-voltage devices Absolute maximum rating: 28 V
(7) Wide operating temperature range −40°C to +85 °C
(8) Low current consumption
    Operation mode 10 µA max. (+25°C)
    Power-down mode 0.1 µA max. (+25°C)
(9) Small package SNT-8A, 8-Pin TSSOP
(10) Lead-free products

Applications
• Lithium-ion rechargeable battery packs
• Lithium polymer rechargeable battery packs




Similar Part No. - S-8242B

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8240A ABLIC-S-8240A Datasheet
783Kb / 48P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
logo
Seiko Instruments Inc
S-8240AAB-I6T1U SII-S-8240AAB-I6T1U Datasheet
3Mb / 45P
BATTERY PROTECTION IC FOR 1-CELL PACK
logo
ABLIC Inc.
S-8240AAB-I6T1U ABLIC-S-8240AAB-I6T1U Datasheet
783Kb / 48P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
S-8240AAC-A6T2U ABLIC-S-8240AAC-A6T2U Datasheet
783Kb / 48P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
logo
Seiko Instruments Inc
S-8240AAC-I6T1U SII-S-8240AAC-I6T1U Datasheet
3Mb / 45P
BATTERY PROTECTION IC FOR 1-CELL PACK
More results


Similar Description - S-8242B

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8232 SII-S-8232 Datasheet
679Kb / 27P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S8213 SII-S8213 Datasheet
524Kb / 28P
BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK
S8252 SII-S8252 Datasheet
554Kb / 35P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S8262A SII-S8262A Datasheet
436Kb / 36P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S8223A SII-S8223A Datasheet
2Mb / 30P
BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
logo
ABLIC Inc.
S-8223A ABLIC-S-8223A Datasheet
809Kb / 30P
BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.3_00
S-8252 ABLIC-S-8252 Datasheet
614Kb / 37P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.3.9_00
S-8262A ABLIC-S-8262A Datasheet
566Kb / 36P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.1.0_03
S-82A2A ABLIC-S-82A2A Datasheet
838Kb / 55P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.2.2_00
S-82B2A ABLIC-S-82B2A Datasheet
825Kb / 54P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.2.2_00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com