Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-8243A Datasheet (PDF) - Seiko Instruments Inc

S-8243A Datasheet PDF - Seiko Instruments Inc
Part # S-8243A
Download  S-8243A Download
File Size   638.51 Kbytes
Page   34 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description BATTRY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK

S-8243A Datasheet (PDF)

Go To PDF Page Download Datasheet
S-8243A Datasheet PDF - Seiko Instruments Inc

Part # S-8243A
Download  S-8243A Click to download

File Size   638.51 Kbytes
Page   34 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description BATTRY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK

S-8243A Datasheet (HTML) - Seiko Instruments Inc


S-8243A Product details

BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK

The S-8243A/B Series is a protection IC for lithium-ion rechargeable battery. The S-8243A Series protects 3-series, the S-8243B Series protects 4-series cell pack from the overcharge, overdischarge, overcurrent voltages. This IC has a high-accuracy battery protection circuit and a battery monitor amplifier, and also a voltage regulator which operates the microcomputer or gas gauge IC. Combining this IC and a microcomputer or a gas gauge IC allows to display the amount of charge remained in a battery.

Features
(1) High-accuracy voltage detection for each cell
   • Overcharge detection voltage n (n = 1 to 4)
      3.9 V to 4.4 V (50 mV step) Accuracy ±25 mV
   • Overcharge hysteresis voltage n (n = 1 to 4) of overcharge detection
      −0.10 V to −0.40 V (50 mV step) or 0 V Accuracy ±50 mV
      (Overcharge release voltage n (= Overcharge detection voltage n + Overcharge hysteresis voltage n) can be
      selected within the range 3.8 V to 4.4 V.)
   • Overdischarge detection voltage n (n = 1 to 4)
      2.0 V to 3.0 V (100 mV step) Accuracy ±80 mV
   • Overdischarge hysteresis voltage n (n = 1 to 4) of overdischarge detection
      0.15 V to 0.70 V or 0 V (50 mV step) Accuracy ±100 mV
      (Overdischarge release voltage n (= Overdischarge detection voltage n + Overdischarge hysteresis voltage n)
      can be selected within the range 2.0 V to 3.4 V.)
(2) Three-level overcurrent protection including protection for short-circuiting
   • Overcurrent detection voltage 1 0.05 V to 0.3 V (50 mV step) Accuracy ±25 mV
   • Overcurrent detection voltage 2 0.5 V Accuracy ±100 mV
   • Overcurrent detection voltage 3 VDD / 2 Accuracy ±15 %
(3) Delay times for overcharge detection, overdischarge detection and overcurrent detection 1 can be set by external
   capacitors. (Delay times for overcurrent detection 2 and 3 are fixed internally.)
(4) Charge/discharge operation can be controlled through the control pins.
(5) High-accuracy battery monitor amp GAMP = VBATTERY × 0.2 ±1.0%
(6) Voltage regulator VOUT = 3.3 V ±2.4 % (3 mA max.)
(7) High-withstand voltage Absolute maximum rating: 26 V
(8) Wide operating voltage range 6 V to 18 V
(9) Wide operating temperature range: −40°C to +85°C
(10) Low current consumption
   • Operation mode 120 μA max.
   • Power down mode 0.1 μA max.
(11) Lead-free, Sn 100%, halogen-free*1

Applications
• Lithium-ion rechargeable battery packs
• Lithium polymer rechargeable battery packs




Similar Part No. - S-8243A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8243AACFT-TB-G SII-S-8243AACFT-TB-G Datasheet
2Mb / 35P
BATTERY PROTECTION IC
S-8243AACFT-TB-U SII-S-8243AACFT-TB-U Datasheet
2Mb / 35P
BATTERY PROTECTION IC
S-8243AACFT-TB-X SII-S-8243AACFT-TB-X Datasheet
2Mb / 35P
BATTERY PROTECTION IC
S-8243AADFT-TB-G SII-S-8243AADFT-TB-G Datasheet
2Mb / 35P
BATTERY PROTECTION IC
S-8243AADFT-TB-U SII-S-8243AADFT-TB-U Datasheet
2Mb / 35P
BATTERY PROTECTION IC
More results


Similar Description - S-8243A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8253A SII-S-8253A Datasheet
596Kb / 32P
BATTERY PROTECTION IC FOR 2-SERIAL OR 3-SERIAL-CELL PACK
S-8254AANFT-TB-G SII-S-8254AANFT-TB-G Datasheet
268Kb / 29P
BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
logo
Unisonic Technologies
UB264A UTC-UB264A Datasheet
207Kb / 10P
LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
UB264B UTC-UB264B Datasheet
195Kb / 10P
LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
logo
Seiko Instruments Inc
S-8254AAFFT SII-S-8254AAFFT Datasheet
359Kb / 29P
BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S8243A SII-S8243A Datasheet
619Kb / 35P
BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
S8254A SII-S8254A Datasheet
359Kb / 29P
BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
logo
Unisonic Technologies
UB264B UTC-UB264B_17 Datasheet
199Kb / 11P
LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL OR 4-SERIAL-CELL PACK
logo
ABLIC Inc.
S-8254A ABLIC-S-8254A Datasheet
470Kb / 29P
BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Rev.5.2_01
S-82B4A ABLIC-S-82B4A Datasheet
584Kb / 33P
BATTERY PROTECTION IC FOR 4-SERIAL OR 5-SERIAL CELL PACK
Rev.1.0_00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com