Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA743 Datasheet (PDF) - Texas Instruments

OPA743 Datasheet PDF - Texas Instruments
Part # OPA743
Download  OPA743 Download
File Size   1171.33 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Very Low Noise, High-Speed, 12V CMOS Operational Amplifier

OPA743 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA743 Datasheet PDF - Texas Instruments

Part # OPA743
Download  OPA743 Click to download

File Size   1171.33 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Very Low Noise, High-Speed, 12V CMOS Operational Amplifier

OPA743 Datasheet (HTML) - Texas Instruments


OPA743 Product details

FEATURES
BANDWIDTH: 20MHz
SLEW RATE: 30V/μs
FAST 16-BIT SETTLING TIME
LOW NOISE: 6nV/√Hz (typ) at 100kHz
EXCELLENT CMRR, PSRR, and AOL
RAIL-TO-RAIL OUTPUT
CM RANGE INCLUDES GND
THD+N: 0.0003% (typ) at 1kHz
QUIESCENT CURRENT: 5.5mA/ch (max)
SUPPLY VOLTAGE: 4V to 12V
SHUTDOWN MODE (OPAx726): 6μA/ch

APPLICATIONS
OPTICAL NETWORKING
TRANSIMPEDANCE AMPLIFIERS
INTEGRATORS
ACTIVE FILTERS
A/D CONVERTER BUFFERS
I/V CONVERTER FOR DACs
PORTABLE AUDIO
PROCESS CONTROL
TEST EQUIPMENT

DESCRIPTION
The OPA725 and OPA726 series op amps use a
state-of-the-art 12V analog CMOS process, and combine
outstanding ac performance with low bias current and
excellent CMRR, PSRR, and AOL. The 20MHz
Gain-Bandwidth (GBW) Product is achieved by using a
proprietary and patent-pending output stage design.
These characteristics allow excellent 16-bit settling times
for driving 16-bit Analog-to-Digital converters (ADCs).
Excellent ac characteristics, such as 20MHz GBW, 30V/μs
slew rate and 0.0003% THD+N make the OPA725 and
OPA726 well-suited for communication, high-end audio,
and active filter applications. With a bias current of less
than 200pA, they are well-suited for use as
transimpedance (I/V-conversion) amplifiers for monitoring
optical power in ONET applications.
The OPA725 and OPA726 op amps can be used in
single-supply applications from 4V up to 12V, or
dual-supply from ±2V to ±6V. The output swings to within
150mV of the rails, maximizing dynamic range. The
shutdown versions (OPAx726) reduce the quiescent
current to less than 6μA and feature a reference pin for
easy shutdown operation with standard CMOS logic in
dual-supply applications.
The OPA725 (single) is available in SOT23-5 and SO-8
packages, and the OPA2725 (dual) is available in MSOP-8
and SO-8 packages. The OPA726 (single with shutdown)
is available in MSOP-8 and SO-8. The OPA2726 (dual with
shutdown) is available in MSOP-10. All versions are
specified for operation from −40°C to +125°C.




Similar Part No. - OPA743

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA743 BURR-BROWN-OPA743 Datasheet
287Kb / 11P
12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA743 TI1-OPA743 Datasheet
842Kb / 17P
12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPA743 TI2-OPA743 Datasheet
402Kb / 17P
12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
MAY 2001
OPA743 TI2-OPA743 Datasheet
406Kb / 18P
12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
MAY 2001
OPA743NA TI2-OPA743NA Datasheet
402Kb / 17P
12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
MAY 2001
More results


Similar Description - OPA743

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1224 LINER-LT1224 Datasheet
233Kb / 8P
Very High Speed Operational Amplifier
LT1225 LINER-LT1225 Datasheet
246Kb / 8P
Very High Speed Operational Amplifier
LT1226 LINER-LT1226 Datasheet
235Kb / 8P
Low Noise Very High Speed Operational Amplifier
logo
Burr-Brown (TI)
OPA725 BURR-BROWN-OPA725 Datasheet
458Kb / 20P
Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Texas Instruments
OPA726AIDGKTG4 TI1-OPA726AIDGKTG4 Datasheet
1Mb / 28P
Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Analog Devices
OP470 AD-OP470_15 Datasheet
3Mb / 16P
Very Low Noise Quad Operational Amplifier
REV. B
logo
Linear Technology
LT1224 LINER-LT1224_15 Datasheet
217Kb / 8P
Very High Speed Operational Amplifier
LT1225 LINER-LT1225_15 Datasheet
231Kb / 8P
Very High Speed Operational Amplifier
LT1226 LINER-LT1226_15 Datasheet
220Kb / 8P
Low Noise Very High Speed Operational Amplifier
logo
Texas Instruments
OPA725 TI1-OPA725 Datasheet
1Mb / 28P
Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com