Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA855 Datasheet (PDF) - Texas Instruments

OPA855 Datasheet PDF - Texas Instruments
Part # OPA855
Download  OPA855 Download
File Size   2783.35 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA855 8GHz Gain Bandwidth Product, Gain of 7V/V Stable, Bipolar Input Amplifier

OPA855 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA855 Datasheet PDF - Texas Instruments

Part # OPA855
Download  OPA855 Click to download

File Size   2783.35 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA855 8GHz Gain Bandwidth Product, Gain of 7V/V Stable, Bipolar Input Amplifier

OPA855 Datasheet (HTML) - Texas Instruments


OPA855 Product details

1 Features
• High gain bandwidth product: 8GHz
• Decompensated, gain ≥ 7V/V (stable)
• Low input voltage noise: 0.98nV/√Hz
• Slew rate: 2750V/μs
• Low Input capacitance:
– Common-mode: 0.6pF
– Differential: 0.2pF
• Wide input common-mode range:
– 0.4V from positive supply
– 1.1V from negative supply
• 3VPP total output swing
• Supply voltage range: 3.3V to 5.25V
• Quiescent current: 17.8mA
• Package: 8-pin WSON
– Bare die
• Temperature range: –40°C to +125°C

2 Applications
• Optical time domain reflectometry (OTDR)
• 3D scanner
• Laser distance measurement
• Solid-state scanning LIDAR
• Optical ToF position sensor
• Drone vision
• Industrial robot LIDAR
• Vacuum robot LIDAR
• Silicon photomultiplier (SiPM) buffer amplifier
• Photomultiplier tube post amplifier

3 Description
The OPA855 is a wideband, low-noise operational
amplifier with bipolar inputs for wideband
transimpedance and voltage amplifier applications.
When the device is configured as a transimpedance
amplifier (TIA), the 8GHz gain bandwidth product
(GBWP) enables high closed-loop bandwidths at
transimpedance gains of up to tens of kilohms.
The following graph shows the bandwidth and
noise performance of the OPA855 as a function of
the photodiode capacitance when the amplifier is
configured as a TIA. The total noise is calculated
along a bandwidth range extending from dc to the
calculated frequency (f) on the left scale. The OPA855
package has a feedback pin (FB) that simplifies the
feedback network connection between the input and
the output.
The OPA855 is optimized to operate in optical time-offlight
(ToF) systems where the OPA855 is used with
time-to-digital converters, such as the TDC7201. Use
the OPA855 to drive a high-speed analog-to-digital
converter (ADC) in high-resolution LIDAR systems
with a differential output amplifier, such as the
THS4541 or LMH5401 devices.




Similar Part No. - OPA855

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA855 TI1-OPA855 Datasheet
1Mb / 27P
8 GHz Gain Bandwidth Product, Gain of 7 V/V Stable, Bipolar Input Amplifier
OPA855 TI1-OPA855 Datasheet
1Mb / 30P
8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
OPA855 TI-OPA855 Datasheet
3Mb / 33P
OPA856 1.1-GHz Unity-Gain Bandwidth, 0.9 nV /?숰z , Bipolar Input Amplifier
OPA855 TI-OPA855 Datasheet
1Mb / 29P
8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
OPA855 TI-OPA855 Datasheet
3Mb / 35P
8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
More results


Similar Description - OPA855

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK7002 IKSEMICON-IK7002 Datasheet
371Kb / 5P
Gain bandwidth product
logo
Inchange Semiconductor ...
2SC5772 ISC-2SC5772 Datasheet
257Kb / 10P
High Gain Bandwidth Product
logo
Texas Instruments
OPA858 TI1-OPA858 Datasheet
1Mb / 28P
5.5-GHz Gain Bandwidth Product Decompensated, FET Input Amplifier
OPA858 TI1-OPA858_18 Datasheet
2Mb / 31P
5.5-GHz Gain Bandwidth Product Decompensated, FET Input Amplifier
OPA855 TI1-OPA855 Datasheet
1Mb / 27P
8 GHz Gain Bandwidth Product, Gain of 7 V/V Stable, Bipolar Input Amplifier
OPA855 TI1-OPA855_18 Datasheet
1Mb / 30P
8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
OPA855-Q1 TI-OPA855-Q1 Datasheet
1Mb / 29P
8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
OPA858-Q1 TI-OPA858-Q1 Datasheet
1Mb / 30P
OPA858-Q1 5.5-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, FET Input Amplifier
OPA855-Q1 TI-OPA855-Q1_V01 Datasheet
3Mb / 35P
8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
OPA858-Q1 TI-OPA858-Q1_V01 Datasheet
3Mb / 37P
OPA858-Q1 5.5-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, FET Input Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com