Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPT3101 Datasheet (PDF) - Texas Instruments

OPT3101 Datasheet PDF - Texas Instruments
Part # OPT3101
Download  OPT3101 Download
File Size   2230.54 Kbytes
Page   120 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPT3101 ToF-Based Long-Range Proximity and Distance Sensor AFE

OPT3101 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPT3101 Datasheet PDF - Texas Instruments

Part # OPT3101
Download  OPT3101 Click to download

File Size   2230.54 Kbytes
Page   120 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPT3101 ToF-Based Long-Range Proximity and Distance Sensor AFE

OPT3101 Datasheet (HTML) - Texas Instruments


OPT3101 Product details

1 Features
1• Long-Range Distance Measurement, Obstacle
Detection and Avoidance
• Flexibility to Customize Design With a Wide
Variety of Photodiodes and Emitters
• Sample Rate up to 4 kHz
• 16-Bit Distance Output at 15-m Unambiguous
Range
• De-Aliasing to Extend the Distance Range
• Supports 3 Transmitter Channels for Multi-Zone
Operation
• Excellent Ambient and Sunlight Rejection
• 200-nA Full-Scale Signal Current
• 88-dB Signal Phase Dynamic Range at 1 kHz
• Supports DC Ambient up to 200 μA, 60-dB
Rejection for Ambient at 1 kHz
• Distance Measurement Independent of Object
Reflectivity
• Adaptive HDR to Save Power and Increase the
Dynamic Range
• Configurable Event Detection and Interrupt Output
Mechanism
• I2C Interface for Control and Data
• Integrated Illumination Driver With Programmable
Current Control up to 173 mA
• Integrated Temperature Sensor for Calibration
• Single 3.3-V or 1.8-V and 3.3-V Supply Operation
• Operating Ambient Temperature: –40 to 85°C

2 Applications
• Precise Long-Range Distance Measurement
– Background Suppression and Accurate Object
Counting in High-Speed Conveyor Belt
Systems
– Precise Displacement Sensing in Factory
Automation
– Non-Contact Distance and/or Level
Measurement in Harsh Environments (High-
Temperature or Hazardous Conditions)
• Obstacle Detection and Avoidance
– Precise Distance Measurement for Drone
Landing and Navigation
– Cliff and Edge Detection in Vacuum Cleaners
(No False Triggers From Dark Carpets)
– Perimeter Scan in Automatic Guided Vehicle
Like Lawnmowers, Robots
– Obstruction Sensing in Applications Such as
Smoke Detectors, Emergency Exits

3 Description
The OPT3101 device is a high-speed, high-resolution
AFE for continuous-wave, time-of-flight based
proximity sensing and range finding. The device
integrates the complete depth processing pipeline
that includes the ADC, timing sequencer, and the
digital processing engine. The device also has a builtin
illumination driver that covers most of the target
applications.
Given the high ambient rejection ratio, the device can
support very high ambient conditions, including full
sunlight of 130 klx.
The timing sequencer is highly configurable to
provide for application-specific trade-offs of power
versus performance.
The device provides depth data that consists of
phase, amplitude, and ambient measurements. The
calibration subsystem supports phase-data calibration
for inaccuracies resulting from temperature and
crosstalk.




Similar Part No. - OPT3101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT3101 TI1-OPT3101 Datasheet
2Mb / 111P
ToF based Long Range Proximity and Distance Sensor AFE
OPT3101 TI1-OPT3101 Datasheet
2Mb / 120P
ToF-Based Long-Range Proximity and Distance Sensor AFE
OPT3101RHFR TI1-OPT3101RHFR Datasheet
2Mb / 120P
ToF-Based Long-Range Proximity and Distance Sensor AFE
OPT3101RHFT TI1-OPT3101RHFT Datasheet
2Mb / 120P
ToF-Based Long-Range Proximity and Distance Sensor AFE
OPT3101 TI1-OPT3101_18 Datasheet
2Mb / 120P
ToF-Based Long-Range Proximity and Distance Sensor AFE
More results


Similar Description - OPT3101

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2K-C OMRON-E2K-C Datasheet
122Kb / 6P
Long-distance capacitive proximity sensor
E2K-C25ME1 OMRON-E2K-C25ME1 Datasheet
389Kb / 6P
Long-distance Capacitive Proximity Sensor
logo
List of Unclassifed Man...
PRD18-7DN ETC2-PRD18-7DN Datasheet
188Kb / 5P
Long sensing distance proximity sensor
logo
SICK AG
DL100-21AB2103 SICK-DL100-21AB2103 Datasheet
1Mb / 7P
LONG RANGE DISTANCE SENSORS
2016-03-17
DL100-22AA2101 SICK-DL100-22AA2101 Datasheet
1Mb / 7P
LONG RANGE DISTANCE SENSORS
2016-03-17
DL100-23AA2103 SICK-DL100-23AA2103 Datasheet
1Mb / 7P
LONG RANGE DISTANCE SENSORS
2016-03-17
DL100-23HA2101 SICK-DL100-23HA2101 Datasheet
1Mb / 7P
LONG RANGE DISTANCE SENSORS
2016-03-17
DL100-11AA2101 SICK-DL100-11AA2101 Datasheet
1Mb / 6P
LONG RANGE DISTANCE SENSORS
2016-03-17
logo
Texas Instruments
OPT3101 TI1-OPT3101 Datasheet
2Mb / 111P
ToF based Long Range Proximity and Distance Sensor AFE
OPT3101 TI1-OPT3101_18 Datasheet
2Mb / 120P
ToF-Based Long-Range Proximity and Distance Sensor AFE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com