Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9535 Datasheet (PDF) - Texas Instruments

PCA9535 Datasheet PDF - Texas Instruments
Part # PCA9535
Download  PCA9535 Download
File Size   3498.86 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PCA9535 Remote 16-BIT I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers

PCA9535 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9535 Datasheet PDF - Texas Instruments

Part # PCA9535
Download  PCA9535 Click to download

File Size   3498.86 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PCA9535 Remote 16-BIT I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers

PCA9535 Datasheet (HTML) - Texas Instruments


PCA9535 Product details

1 Features
• Low standby-current consumption of 1 μA Max
• I2C to Parallel port expander
• Open-drain active-low interrupt output
• 5-V Tolerant I/O ports
• Compatible with most microcontrollers
• 400-kHz Fast I2C Bus
• Address by three hardware address pins for use of
up to eight devices
• Polarity inversion register
• Latched outputs with high-current drive capability
for directly driving LEDs
• Latch-up performance exceeds 100 mA Per
JESD 78, class II
• ESD Protection exceeds JESD 22
– 2000-V Human-body model (A114-A)
– 1000-V Charged-device model (C101)

2 Description
This 16-bit I/O expander for the two-line bidirectional
bus (I2C) is designed for 2.3-V to 5.5-V VCC operation.
It provides general-purpose remote I/O expansion for
most microcontroller families via the I2C interface
[serial clock (SCL), serial data (SDA)].
The PCA9535 consists of two 8-bit Configuration
(input or output selection), Input Port, Output Port,
and Polarity Inversion (active-high or active-low
operation) registers. At power on, the I/Os are
configured as inputs. The system master can enable
the I/Os as either inputs or outputs by writing to the
I/O configuration bits. The data for each input or
output is kept in the corresponding Input or Output
Port register. The polarity of the Input Port register
can be inverted with the Polarity Inversion register. All
registers can be read by the system master.
The system master can reset the PCA9535 in the
event of a timeout or other improper operation by
utilizing the power-on reset feature, which puts the
registers in their default state and initializes the I2C/
SMBus state machine.
The PCA9535 open-drain interrupt (INT) output is
activated when any input state differs from its
corresponding Input Port register state and is used to
indicate to the system master that an input state has
changed.




Similar Part No. - PCA9535

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9535 PHILIPS-PCA9535 Datasheet
139Kb / 19P
16-bit I2C and SMBus, low power I/O port with interrupt
2003 Jun 27
logo
Texas Instruments
PCA9535 TI-PCA9535 Datasheet
834Kb / 35P
REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA9535 NXP-PCA9535 Datasheet
190Kb / 32P
16-bit I2C-bus and SMBus, low power I/O port with interrupt
Rev. 03-4 October 2007
PCA9535 NXP-PCA9535 Datasheet
182Kb / 31P
16-bit I2C-bus and SMBus, low power I/O port with interrupt
Rev. 05-15 September 2008
PCA9535 NXP-PCA9535 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
More results


Similar Description - PCA9535

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9535 TI-PCA9535 Datasheet
834Kb / 35P
REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9539 TI-PCA9539 Datasheet
777Kb / 34P
REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A Datasheet
643Kb / 35P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_08 Datasheet
818Kb / 35P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A_10 Datasheet
1Mb / 39P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A_101 TI-PCA9534A_101 Datasheet
1Mb / 39P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com