Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA890ID Datasheet (PDF) - Texas Instruments

OPA890ID Datasheet PDF - Texas Instruments
Part # OPA890ID
Download  OPA890ID Download
File Size   1112.28 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable

OPA890ID Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA890ID Datasheet PDF - Texas Instruments

Part # OPA890ID
Download  OPA890ID Click to download

File Size   1112.28 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable

OPA890ID Datasheet (HTML) - Texas Instruments


OPA890ID Product details

1FEATURES
2• FLEXIBLE SUPPLY RANGE:
+3V to +12V Single Supply
±1.5V to ±6V Dual Supplies
• UNITY-GAIN STABLE
• WIDEBAND +5V OPERATION: 115MHz
(G = +2V/V)
• OUTPUT VOLTAGE SWING: ±4V
• HIGH SLEW RATE: 500V/μs
• LOW QUIESCENT CURRENT: 1.1mA
• LOW DISABLE CURRENT: 30μA

APPLICATIONS
• VIDEO LINE DRIVING
• xDSL LINE DRIVERS/RECEIVERS
• HIGH-SPEED IMAGING CHANNELS
• ADC BUFFERS
• PORTABLE INSTRUMENTS
• TRANSIMPEDANCE AMPLIFIERS
• ACTIVE FILTERS

DESCRIPTION
The OPA890 represents a major step forward in
unity-gain stable, voltage-feedback op amps. A new
internal architecture provides slew rate and full-power
bandwidth previously found only in wideband,
current-feedback op amps. These capabilities provide
exceptional full power bandwidth. Using a single +5V
supply, the OPA890 can deliver a 1V to 4V output
swing with over 35mA drive current and 220MHz
bandwidth. This combination of features makes the
OPA890 an ideal RGB line driver or single-supply
analog-to-digital converter (ADC) input driver.
The low 1.1mA supply current of the OPA890 is
precisely trimmed at +25°C. This trim, along with low
temperature drift, ensures lower maximum supply
current than competing products. System power may
be reduced further using the optional disable control
pin. Leaving this disable pin open, or holding it HIGH,
operates the OPA890 normally. If pulled LOW, the
OPA890 supply current drops to less than 30μA while
the output goes into a high-impedance state.




Similar Part No. - OPA890ID

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA890ID BURR-BROWN-OPA890ID Datasheet
901Kb / 32P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
National Semiconductor ...
OPA890ID NSC-OPA890ID Datasheet
1Mb / 34P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA890IDBV BURR-BROWN-OPA890IDBV Datasheet
901Kb / 32P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA890IDBVR BURR-BROWN-OPA890IDBVR Datasheet
901Kb / 32P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
National Semiconductor ...
OPA890IDBVR NSC-OPA890IDBVR Datasheet
1Mb / 34P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results


Similar Description - OPA890ID

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2680 BURR-BROWN-OPA2680 Datasheet
204Kb / 21P
Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
OPA680 BURR-BROWN-OPA680 Datasheet
235Kb / 21P
Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA690 TI-OPA690 Datasheet
410Kb / 22P
Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA890 BURR-BROWN-OPA890 Datasheet
901Kb / 32P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2889 BURR-BROWN-OPA2889 Datasheet
1Mb / 35P
Dual, Low-Power, Wideband, Voltage Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA2890 TI-OPA2890 Datasheet
780Kb / 35P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2890 TI-OPA2890_08 Datasheet
815Kb / 35P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
National Semiconductor ...
OPA890 NSC-OPA890 Datasheet
1Mb / 34P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA690IDBVTG4 TI1-OPA690IDBVTG4 Datasheet
1Mb / 37P
Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com