Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1780 Datasheet (PDF) - Texas Instruments

PCM1780 Datasheet PDF - Texas Instruments
Part # PCM1780
Download  PCM1780 Download
File Size   736.07 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter

PCM1780 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM1780 Datasheet PDF - Texas Instruments

Part # PCM1780
Download  PCM1780 Click to download

File Size   736.07 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter

PCM1780 Datasheet (HTML) - Texas Instruments


PCM1780 Product details

FEATURES
· 24-Bit Resolution
· Analog Performance (VCC = 5 V):
– Dynamic Range: 106 dB
– SNR: 106 dB, Typical
– THD+N: 0.002%, Typical
– Full-Scale Output: 3.9 Vp-p, Typical
· 4×/8× Oversampling Digital Filter:
– Stop-Band Attenuation: –50 dB
– Pass-Band Ripple: ±0.04 dB
· Sampling Frequency: 5 kHz to 200 kHz
· System Clock: 128 fS, 192 fS, 256 fS, 384 fS,
512 f S, 768 fS, 1152 fS With Autodetect
· Software Control (PCM1780, PCM1782):
– Accepts 16-, 18-, 20-, and 24-Bit Audio Data
– Formats: Right-Justified, I2S, and
Left-Justified
– Digital Attenuation: Mode Selectable
· 0 dB to –63 dB, 0.5 dB/step
· 0 dB to –100 dB, 1 dB/step
– Digital De-Emphasis
– Digital Filter Rolloff: Sharp or Slow
– Soft Mute
– Zero Flags for Each Output
– Open-Drain Output Zero Flag (PCM1782)
· Hardware Control (PCM1781):
– I2S and 16-Bit Word, Right-Justified
– Digital De-Emphasis
– Soft Mute
– Zero Flag for L-, R-Channel Common
Output
· Power Supply: 5-V Single Supply
· Small, 16-Lead SSOP Package (150 mil)
· Pin-Compatible with PCM1680

APPLICATIONS
· A/V Receivers
· DVD Movie Players
· DVD Add-On Cards For High-End PCs
· DVD Audio Players
· HDTV Receivers
· Car Audio Systems
· Other Applications Requiring 24-Bit Audio

DESCRIPTION
The PCM1780/81/82 is a CMOS, monolithic,
integrated circuit, which includes stereo
digital-to-analog converters and support circuitry in a
small 16-lead SSOP package. The data converters
use TI’s enhanced multilevel delta-sigma architecture
to achieve excellent dynamic performance and
improved tolerance to clock jitter. The
PCM1780/81/82 accepts industry standard audio
data formats with 16- to 24-bit data, providing easy
interfacing to audio DSP and decoder chips.
Sampling rates up to 200 kHz are supported. The
PCM1780/82 provides a full set of
user-programmable functions through a three-wire
serial control port, which supports register write functions. The PCM1781 provides a subset of
user-programmable functions through four control
pins.
The PCM1780 is pin-compatible with the PCM1680
(8-channel DAC).




Similar Part No. - PCM1780

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1780 TI-PCM1780 Datasheet
439Kb / 31P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780 TI1-PCM1780 Datasheet
724Kb / 35P
Audio Digital-to-Analog Converter
PCM1780 TI2-PCM1780 Datasheet
735Kb / 37P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
REVISED AUGUST 2006
PCM1780DBQ TI-PCM1780DBQ Datasheet
439Kb / 31P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780DBQ TI1-PCM1780DBQ Datasheet
724Kb / 35P
Audio Digital-to-Analog Converter
More results


Similar Description - PCM1780

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1606 BURR-BROWN-PCM1606 Datasheet
385Kb / 27P
24-BIT, 192-kHz SAMPLING, 6-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1680 TI-PCM1680 Datasheet
427Kb / 33P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780 TI-PCM1780 Datasheet
439Kb / 31P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1609A TI-PCM1609A Datasheet
555Kb / 43P
24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1681 TI-PCM1681 Datasheet
1Mb / 43P
24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1602A TI1-PCM1602A Datasheet
678Kb / 45P
24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1681PWPR TI1-PCM1681PWPR Datasheet
1Mb / 43P
24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com