Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1795 Datasheet (PDF) - Texas Instruments

PCM1795 Datasheet PDF - Texas Instruments
Part # PCM1795
Download  PCM1795 Download
File Size   1252.74 Kbytes
Page   68 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PCM1795 32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter

PCM1795 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM1795 Datasheet PDF - Texas Instruments

Part # PCM1795
Download  PCM1795 Click to download

File Size   1252.74 Kbytes
Page   68 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PCM1795 32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter

PCM1795 Datasheet (HTML) - Texas Instruments


PCM1795 Product details

1 Features
1• 32-Bit Resolution
• Analog Performance:
– Dynamic Range: 123 dB
– THD+N: 0.0005%
• Differential Current Output: 3.9 mA PP
• 8× Oversampling Digital Filter:
– Stop-Band Attenuation: –98 dB
– Passband Ripple: ±0.0002 dB
• Sampling Frequency: 10 kHz to 200 kHz
• System Clock: 128, 192, 256, 384, 512,
or 768 fS With Autodetect
• Accepts 16-, 24-, and 32-Bit Audio Data
• PCM Data Formats: Standard, I2S, and Left-
Justified
• DSD Format Interface Available
• Interface Available for Optional External Digital
Filter or DSP
• TDMCA or Serial Port (SPI™/I2C)
• User-Programmable Mode Controls:
– Digital Attenuation:
0 dB to –120 dB, 0.5-dB/Step
– Digital De-Emphasis
– Digital Filter Roll-Off: Sharp or Slow
– Soft Mute
– Zero Flag for Each Output
• Compatible With PCM1792A and PCM1796
(Pins and Mode Controls)
• Dual Supply Operation:
– 5-V Analog, 3.3-V Digital
• 5-V Tolerant Digital Inputs
• Small SSOP-28 Package

2 Applications
• A/V Receivers
• SACD Players
• DVD Players
• HDTV Receivers
• Car Audio Systems
• Digital Multitrack Recorders
• Other Applications Requiring 32-Bit Audio

3 Description
The PCM1795 device is a monolithic CMOS
integrated circuit that includes stereo digital-to-analog converters (DACs) and support circuitry in a small
SSOP-28 package. The data converters use TI’s
advanced segment DAC architecture to achieve
excellent dynamic performance and improved
tolerance to clock jitter. The PCM1795 provides
balanced current outputs, letting the user optimize
analog performance externally. The PCM1795
accepts pulse code modulation (PCM) and direct
stream digital (DSD) audio data formats, thus
providing an easy interface to audio digital signal
processors (DSPs) and decoder chips. The PCM1795
device also interfaces with external digital filter
devices such as the DF1704, DF1706, and the
PMD200 from Pacific Microsonics™. Sampling rates
up to 200 kHz are supported. A full set of user-
programmable functions is accessible through an SPI
or I2C serial control port that supports register write
and readback functions. The PCM1795 device also
supports the time-division-multiplexed (TDM) command and audio (TDMCA) data format.




Similar Part No. - PCM1795

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1795 TI-PCM1795 Datasheet
961Kb / 58P
32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
Stereo Audio Digital-to-Analog Converter
PCM1795DB TI-PCM1795DB Datasheet
961Kb / 58P
32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PCM1795DB TI1-PCM1795DB Datasheet
1Mb / 63P
Stereo Audio Digital-to-Analog Converter
PCM1795DBR TI-PCM1795DBR Datasheet
961Kb / 58P
32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
More results


Similar Description - PCM1795

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1730 TI-PCM1730 Datasheet
366Kb / 24P
24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
DSD1791 TI-DSD1791 Datasheet
446Kb / 53P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1791A TI-PCM1791A Datasheet
490Kb / 58P
24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DSD1792A BURR-BROWN-DSD1792A Datasheet
440Kb / 55P
24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794A BURR-BROWN-PCM1794A Datasheet
294Kb / 30P
24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
logo
Texas Instruments
DSD1794A TI-DSD1794A Datasheet
535Kb / 49P
24-BIT,192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1796 BURR-BROWN-PCM1796_06 Datasheet
706Kb / 60P
24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1795 TI-PCM1795 Datasheet
961Kb / 58P
32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PCM1795 TI-PCM1795_15 Datasheet
873Kb / 63P
PCM1795 32-Bit, 192-kHz Sampling, Advanced Segment,Stereo Audio Digital-to-Analog Converter
DSD1791 TI1-DSD1791_08 Datasheet
654Kb / 56P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com