Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1840 Datasheet (PDF) - Texas Instruments

PCM1840 Datasheet PDF - Texas Instruments
Part # PCM1840
Download  PCM1840 Download
File Size   2244.74 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PCM1840 Quad Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC

PCM1840 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM1840 Datasheet PDF - Texas Instruments

Part # PCM1840
Download  PCM1840 Click to download

File Size   2244.74 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PCM1840 Quad Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC

PCM1840 Datasheet (HTML) - Texas Instruments


PCM1840 Product details

1 Features
1• Multichannel high-performance ADC:
– 4-channel analog microphones or line-in
• ADC line and microphone differential input
performance:
– Dynamic range:
– 123-dB, dynamic range enhancer enabled
– 113-dB, dynamic range enhancer disabled
– THD+N: –98 dB
• ADC differential 2-VRMS full-scale input
• ADC sample rate (fS) = 8 kHz to 192 kHz
• Hardware pin control configurations
• Linear-phase or low-latency filter selection
• Flexible audio serial data interface:
– Master or slave interface selection
– 32-bits, 4-channel TDM
– 32-bits, 2-channel TDM
– 32-bits, 2-channel I2S
– 32-bits, 2-channel left-justified (LJ)
• Automatic power-down upon loss of audio clocks
• Integrated high-performance audio PLL
• Low-noise MICBIAS 2.75-V output
• Single-supply operation: 3.3 V
• I/O-supply operation: 3.3 V or 1.8 V
• Power consumption for 3.3-V AVDD supply:
– 17.0 mW/channel at 16-kHz sample rate
– 18.4 mW/channel at 48-kHz sample rate

2 Applications
• Smart speakers
• DVD recorders and players
• AV receivers
• Video conference systems
• IP network cameras

3 Description
The PCM1840 is a high-performance, Burr-Brown™
audio analog-to-digital converter (ADC) that supports
simultaneous sampling of up to four analog channels.
The device supports differential line and microphone
inputs with 2-VRMS full-scale signal. The device
integrates microphone bias voltage, a phase-locked
loop (PLL), a DC removal high-pass filter (HPF), and
supports sample rates up to 192 kHz. The device
supports time-division multiplexing (TDM), I2S, or leftjustified
(LJ) audio formats, selectable with the
hardware pin level. Additionally, the PCM1840
supports master and slave mode selection for the
audio bus interface operation. These integrated highperformance
features, along with the ability to be
powered from a single supply of 3.3 V, make the
device an excellent choice for cost-sensitive, spaceconstrained
audio systems in far-field microphone
recording applications.
The PCM1840 is specified from –40°C to +125°C,
and is offered in a 24-pin WQFN package.




Similar Part No. - PCM1840

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1840 TI1-PCM1840 Datasheet
1Mb / 34P
PCM1840 Quad Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1840IRTWR TI1-PCM1840IRTWR Datasheet
1Mb / 34P
PCM1840 Quad Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1840IRTWT TI1-PCM1840IRTWT Datasheet
1Mb / 34P
PCM1840 Quad Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
More results


Similar Description - PCM1840

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320ADC3140 TI1-TLV320ADC3140_V01 Datasheet
3Mb / 120P
TLV320ADC3140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC3140 TI1-TLV320ADC3140_V02 Datasheet
3Mb / 123P
TLV320ADC3140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
PCM1840 TI1-PCM1840 Datasheet
1Mb / 34P
PCM1840 Quad Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820 Datasheet
2Mb / 40P
PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820_V01 Datasheet
3Mb / 41P
PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820_V02 Datasheet
3Mb / 41P
PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
REVISED JUNE 2021
PCM1822-Q1 TI-PCM1822-Q1 Datasheet
3Mb / 43P
PCM1822-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
APRIL 2022
PCM1822 TI-PCM1822 Datasheet
2Mb / 41P
PCM1822 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
MAY 2022
PCM1820-Q1 TI-PCM1820-Q1_V01 Datasheet
3Mb / 44P
PCM182(0/1)-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
PCM1822-Q1 TI-PCM1822-Q1_V01 Datasheet
3Mb / 44P
PCM1822-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com