Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1850A Datasheet (PDF) - Texas Instruments

PCM1850A Datasheet PDF - Texas Instruments
Part # PCM1850A
Download  PCM1850A Download
File Size   702.67 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 ´ 2-CHANNEL MUX AND PGAE

PCM1850A Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM1850A Datasheet PDF - Texas Instruments

Part # PCM1850A
Download  PCM1850A Click to download

File Size   702.67 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 ´ 2-CHANNEL MUX AND PGAE

PCM1850A Datasheet (HTML) - Texas Instruments


PCM1850A Product details

FEATURES
· Multiplexer and Programmable-Gain Amplifier
(PGA)
– 6´2-Channel Single-Ended Inputs
– Multiplexed Output
– Maximum Input Level: 2.4 V rms
– Input Resistance: 50 kW, Minimum
– PGA Gain: 11-dB to –11-dB Range, 0.5
dB/Step
· 24-Bit Delta-Sigma Stereo A/D Converter
· Antialiasing Filter Included
· Oversampling Decimation Filter
– Oversampling Frequency: ´64
– Pass-Band Ripple: ±0.05 dB
– Stop-Band Attenuation: –65 dB
– On-Chip High-Pass Filter: 0.91 Hz (48 kHz)
· High Performance
– THD+N: 0.0023% (Typically)
– SNR: 101 dB (Typically)
– Dynamic Range: 102 dB (Typically)
· PCM Audio Interface
– Master/Slave Mode Selectable
– Data Formats: 24-Bit Left-Justified, 24-Bit
I2S, 16-, 24-Bit Right-Justified
· Mode Control by Serial Interface:
– With SPI Control (PCM1850A)
– With I2C Control (PCM1851A)
· Sampling Rate: 16–96 kHz
· System Clock: 256 fs, 384 fs, 512 fs, 768 fs
· Dual Power Supplies: 5 V for Analog, 3.3 V for
Digital
· Package: 32-Pin TQFP

APPLICATIONS
· DVD/HDD/DVD+HDD Recorder
· AV Amplifier Receiver
· CD Recorder
· MD Recorder
· Multitrack Recorder
· Electric Musical Instrument

DESCRIPTION
The PCM1850A/1851A is a high-performance, low-cost, single-chip stereo analog-to-digital converter with a
single-ended analog front end that consists of a 6-stereo-input multiplexer and wide-range PGA. The
PCM1850A/1851A includes a delta-sigma modulator with 64-times oversampling, a digital decimation filter and a
low-cut filter that removes the dc component of the input signal. For various applications, the PCM1850A/1851A
supports two modes (master and slave) and four data formats through a serial control interface, SPI for the
PCM1850A and I2C for the PCM1851A. The PCM1850A/1851A is suitable for a wide variety of cost-sensitive
DVD/CD/MD recorder and receiver applications where good performance and operation from a 5-V analog
supply and 3.3-V digital supply is required. The PCM1850A/1851A is fabricated using a highly advanced CMOS
process and is available in a small 32-pin TQFP package.




Similar Part No. - PCM1850A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1850A BURR-BROWN-PCM1850A Datasheet
451Kb / 32P
24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 쨈 2-CHANNEL MUX AND PGAE
PCM1850APJT BURR-BROWN-PCM1850APJT Datasheet
451Kb / 32P
24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 쨈 2-CHANNEL MUX AND PGAE
PCM1850APJTG4 BURR-BROWN-PCM1850APJTG4 Datasheet
451Kb / 32P
24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 쨈 2-CHANNEL MUX AND PGAE
PCM1850APJTR BURR-BROWN-PCM1850APJTR Datasheet
451Kb / 32P
24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 쨈 2-CHANNEL MUX AND PGAE
PCM1850APJTRG4 BURR-BROWN-PCM1850APJTRG4 Datasheet
451Kb / 32P
24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 쨈 2-CHANNEL MUX AND PGAE
More results


Similar Description - PCM1850A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4334 CIRRUS-CS4334 Datasheet
817Kb / 26P
8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
24-Bit, 96 kHz Stereo A/D Converter?
logo
Burr-Brown (TI)
PCM1851 BURR-BROWN-PCM1851 Datasheet
370Kb / 10P
24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 X 2-CHANNEL MUX AND PGA
logo
Texas Instruments
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1850A BURR-BROWN-PCM1850A Datasheet
451Kb / 32P
24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 쨈 2-CHANNEL MUX AND PGAE
logo
Cirrus Logic
CS4334 CIRRUS-CS4334_04 Datasheet
740Kb / 25P
8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
logo
Elite Semiconductor Mem...
AD12250A ESMT-AD12250A Datasheet
132Kb / 3P
24 bit, 96 kHz Stereo A/D Converter
logo
Cirrus Logic
CS4334 CIRRUS-CS4334_08 Datasheet
806Kb / 24P
8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
logo
Texas Instruments
PCM1803 TI1-PCM1803_09 Datasheet
447Kb / 23P
96-kHz STEREO A/D CONVERTER
PCM1807 TI1-PCM1807_15 Datasheet
796Kb / 33P
96-kHz Stereo A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com