Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM5121A Datasheet (PDF) - Texas Instruments

PCM5121A Datasheet PDF - Texas Instruments
Part # PCM5121A
Download  PCM5121A Download
File Size   1879.16 Kbytes
Page   121 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PCM512x 2-VRMS DirectPath™, 112-dB and 106-dB Audio Stereo DACs With 32-Bit, 384-kHz PCM Interface

PCM5121A Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM5121A Datasheet PDF - Texas Instruments

Part # PCM5121A
Download  PCM5121A Click to download

File Size   1879.16 Kbytes
Page   121 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PCM512x 2-VRMS DirectPath™, 112-dB and 106-dB Audio Stereo DACs With 32-Bit, 384-kHz PCM Interface

PCM5121A Datasheet (HTML) - Texas Instruments


PCM5121A Product details

1 Features
1• Register-Selectable Audio-Processing Functions
up to 48-kHz fS
– Dynamic Range Control (DRC)
– Equalization (EQ)
– Filtering
• DAC Functionality to 384-kHz fS
• Market-Leading Low Out-of-Band Noise
• Selectable Digital-Filter Latency and Performance
• No DC-Blocking Capacitors Required
• Integrated Negative Charge Pump
• Intelligent Muting System; Soft Up or Down Ramp
and Analog Mute for 120-dB Mute SNR
• Integrated High-Performance Audio PLL With
BCK Reference to Generate SCK Internally
• Accepts 16-, 20-, 24-, and 32-Bit Audio Data
• PCM Data Formats: I2S, Left-Justified, Right-
Justified, TDM / DSP
• SPI or I2C Control
• Software or Hardware Configuration
• Automatic Power-Save Mode When LRCK and
BCK are Deactivated
• 1.8-V or 3.3-V Failsafe LVCMOS Digital Inputs
• Single Supply Operation:
– 3.3-V Analog, 1.8-V or 3.3-V Digital
• Integrated Power-On Reset
• Small28-Pin Package

2 Applications
• A/V Receivers
• DVD, BD Players
• HDTV Receivers
• Applications Requiring 2-VRMS Audio Output

3 Description
The PCM512x devices are a family of monolithic
CMOS-integrated circuits that include a stereo digitalto-
analog converter and additional support circuitry in
a small TSSOP package. The PCM512x uses the
latest generation of TI’s advanced segment-DAC
architecture to achieve excellent dynamic
performance and improved tolerance to clock jitter.
Members of the PCM512x family integrate preset
audio processing functions with programmable
coefficients, allowing developers to change the
characteristics of the interpolation filter, speaker EQ,
dynamic range controls, and average volume control
in their products.
The PCM512x provides 2.1-VRMS ground-centered
outputs, allowing designers to eliminate DC-blocking
capacitors on the output, as well as external muting
circuits traditionally associated with single supply line
drivers.
The integrated line driver surpasses all other chargepump-
based line drivers by supporting loads down to
1 kΩ. By supporting loads down to 1 kΩ, the
PCM512x can essentially drive up to 10 products in
parallel (LCD TV, DVDR, AV receivers, and so forth).
The integrated PLL on the device removes the
requirement for a system clock (commonly known as
master clock), allowing a 3-wire I2S connection, along
with reducing system EMI.




Similar Part No. - PCM5121A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5121 TI1-PCM5121 Datasheet
2Mb / 107P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121 Datasheet
2Mb / 108P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121PW TI1-PCM5121PW Datasheet
2Mb / 107P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121PW TI1-PCM5121PW Datasheet
2Mb / 120P
Audio Stereo DAC
PCM5121PWR TI1-PCM5121PWR Datasheet
2Mb / 107P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
More results


Similar Description - PCM5121A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5100 TI1-PCM5100 Datasheet
795Kb / 31P
2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
MAY2011
PCM5100A TI1-PCM5100A Datasheet
793Kb / 32P
2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5102-Q1 TI1-PCM5102-Q1 Datasheet
1Mb / 31P
2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141 Datasheet
2Mb / 110P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121 Datasheet
2Mb / 107P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5101APWR TI1-PCM5101APWR Datasheet
1Mb / 35P
112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121_14 Datasheet
2Mb / 108P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141_14 Datasheet
2Mb / 111P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5242 TI-PCM5242_15 Datasheet
2Mb / 128P
PCM5242 4.2-VRMS DirectPath?? 114-dB Audio Stereo Differential-Output DAC with 32-bit, 384-kHz PCM Interface
PCM5252 TI1-PCM5252 Datasheet
1Mb / 119P
Purepath Smart Amp PCM5252 4.2-VRMS DirectPath, 114-dB Audio Stereo Differential-
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com