Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASWD-S2-0002-T Datasheet (PDF) - Abracon Corporation

ASWD-S2-0002-T Datasheet PDF - Abracon Corporation
Part # ASWD-S2-0002-T
Download  ASWD-S2-0002-T Download
File Size   1000.45 Kbytes
Page   11 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description DC~ 3.0GHz SPDT RF & Antenna Switch with Enhanced ESD Protection

ASWD-S2-0002-T Datasheet (PDF)

Go To PDF Page Download Datasheet
ASWD-S2-0002-T Datasheet PDF - Abracon Corporation

Part # ASWD-S2-0002-T
Download  ASWD-S2-0002-T Click to download

File Size   1000.45 Kbytes
Page   11 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description DC~ 3.0GHz SPDT RF & Antenna Switch with Enhanced ESD Protection

ASWD-S2-0002-T Datasheet (HTML) - Abracon Corporation


ASWD-S2-0002-T Product details

Features
▪ DFN-6L Package: 1.1mm x 0.7mm
▪ Frequency Range: DC to 3.0GHz
▪ Low Insertion 0.37dB Typ. @f = 2.2 to 2.7 GHz
▪ High Isolation 25dB Typ. @f = 2.2 to 2.7 GHz
▪ P0.1dB = +34.5 dBm Typ. @f = 0.8 to 2.7 GHz
▪ Low Control Voltage VCTL_H = 1.8V Min.
Voltage Operation VDD = 2.8V Typ.
▪ GPIO Control for SPDT
▪ ±1.5kV HBM ESD Protection
▪ RoHS Compliant | MSL Level 3




Similar Part No. - ASWD-S2-0002-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASWD-S2-0001 ABRACON-ASWD-S2-0001 Datasheet
1,010Kb / 11P
DC-8GHz SPDT RF & Antenna Switch with Enhanced ESD Protection
A 8/28/2025
ASWD-S2-0001-EVB ABRACON-ASWD-S2-0001-EVB Datasheet
1,010Kb / 11P
DC-8GHz SPDT RF & Antenna Switch with Enhanced ESD Protection
A 8/28/2025
ASWD-S2-0001-T ABRACON-ASWD-S2-0001-T Datasheet
1,010Kb / 11P
DC-8GHz SPDT RF & Antenna Switch with Enhanced ESD Protection
A 8/28/2025
ASWD-S2-0003 ABRACON-ASWD-S2-0003 Datasheet
1,023Kb / 10P
0.1~ 2.7GHz SPDT RF Switch with Enhanced ESD Protection
A 8/28/2025
ASWD-S2-0003-EVB ABRACON-ASWD-S2-0003-EVB Datasheet
1,023Kb / 10P
0.1~ 2.7GHz SPDT RF Switch with Enhanced ESD Protection
A 8/28/2025
More results


Similar Description - ASWD-S2-0002-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3L500AE TI-TS3L500AE Datasheet
579Kb / 19P
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500AE TI-TS3L500AE_08 Datasheet
476Kb / 17P
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
logo
Spectrum Microwave, Inc...
TWD5002 SPECTRUM-TWD5002 Datasheet
60Kb / 1P
SPDT RF SWITCH
TWP2219 SPECTRUM-TWP2219 Datasheet
58Kb / 1P
SPDT RF SWITCH
logo
Texas Instruments
TS3L500AE TI-TS3L500AE_10 Datasheet
458Kb / 17P
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
logo
Knowles Electronics
SPM0404HE5H-PB KNOWLES-SPM0404HE5H-PB_13 Datasheet
742Kb / 11P
SiSonicTM Microphone With Enhanced RF Protection
SPUL409HE5H-PB KNOWLES-SPUL409HE5H-PB_14 Datasheet
727Kb / 11P
SiSonicTM Microphone With Enhanced RF Protection
logo
Mini-Circuits
HSW2-272VHDR MINI-HSW2-272VHDR Datasheet
300Kb / 5P
SPDT RF Switch
MSW2-50 MINI-MSW2-50 Datasheet
280Kb / 6P
SPDT RF Switch
logo
Luminus, Inc
MP-3030-12ZH LUMINUS-MP-3030-12ZH Datasheet
1Mb / 14P
Ultra High-Performance with Enhanced ESD Protection
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com