Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTR-F3AA Datasheet (PDF) - FCL COMPONENTS LIMITED

FTR-F3AA Datasheet PDF - FCL COMPONENTS LIMITED
Part # FTR-F3AA
Download  FTR-F3AA Download
File Size   293.02 Kbytes
Page   7 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description 1 POLE - 5A, TV-5 TYPE (ATEX COMPLIANT)

FTR-F3AA Datasheet (PDF)

Go To PDF Page Download Datasheet
FTR-F3AA Datasheet PDF - FCL COMPONENTS LIMITED

Part # FTR-F3AA
Download  FTR-F3AA Click to download

File Size   293.02 Kbytes
Page   7 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description 1 POLE - 5A, TV-5 TYPE (ATEX COMPLIANT)

FTR-F3AA Datasheet (HTML) - FCL COMPONENTS LIMITED


FTR-F3AA Product details

FEATURES
APPLICATIONS
Compliant to IEC60079-15 EU ATEX Directive (type of protection “nC”) for
use in hazardous location
It is certifi ed to UL explosion-proof standard UL121201 (Class I, Division 2)
(HAZLOC)
High inrush 78A, TV rating capability
1 pole, 5A, 1a (1 Form A) contacts
Width: 7mm, mounting space: 142mm2
High insulation
Insulation distance:
Minimum 6mm between coil and contacts
Dielectric strength: 4,000V
Surge strength: 10,000V
Through hole
Plastic sealed relay
Plastic material: UL 94V-0 fl ammability
LCD TVs and other ome appliances that require smaller power supplies used in hazardous location




Similar Part No. - FTR-F3AA

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-F3AA005E FUJITSU-FTR-F3AA005E Datasheet
637Kb / 7P
POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3AA005EHA FUJITSU-FTR-F3AA005EHA Datasheet
553Kb / 6P
1 POLE 3A SsLIM TYPE RELAY
FTR-F3AA005EHA FUJITSU-FTR-F3AA005EHA Datasheet
603Kb / 7P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3AA005EKS FUJITSU-FTR-F3AA005EKS Datasheet
553Kb / 6P
1 POLE 3A SsLIM TYPE RELAY
More results


Similar Description - FTR-F3AA

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-F4 FUJITSU-FTR-F4 Datasheet
684Kb / 6P
2 POLE 5A/TV-3 RATED COMPACT TYPE
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F4 FUJITSU-FTR-F4_07 Datasheet
665Kb / 6P
POWER RELAY 2 POLE 5A/TV-3 RATED COMPACT TYPE
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
POWER RELAY 1 POLE - 5A SLIM POWER RELAY
NYP-12W-K-IE FUJITSU-NYP-12W-K-IE Datasheet
307Kb / 7P
POWER RELAY 1 POLE-5 A (CADMIUM FREE CONTACTS TYPE)
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
VE-12HSE-K FUJITSU-VE-12HSE-K Datasheet
318Kb / 7P
1 POLE - 5A Medium Load Control
FTR-F4 FUJITSU-FTR-F4_V01 Datasheet
248Kb / 7P
POWER RELAY 2 POLE 5A / TV-3 Rated Compact Type Relay
28th, 2017
NY24W-K FUJITSU-NY24W-K Datasheet
117Kb / 5P
POWER RELAY 1 POLE—5 A (CADMIUM FREE CONTACTS TYPE)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com