Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM4 Datasheet (PDF) - Bourns Electronic Solutions

SM4 Datasheet PDF - Bourns Electronic Solutions
Part # SM4
Download  SM4 Download
File Size   570.88 Kbytes
Page   3 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description SM/1xx Series - Riedon™ Precision Axial Wirewound Resistors by Bourns

SM4 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM4 Datasheet PDF - Bourns Electronic Solutions

Part # SM4
Download  SM4 Click to download

File Size   570.88 Kbytes
Page   3 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description SM/1xx Series - Riedon™ Precision Axial Wirewound Resistors by Bourns

SM4 Datasheet (HTML) - Bourns Electronic Solutions


SM4 Product details

Features
n Formerly a Riedon™ product
n Resistances to 5 MΩ
n Resistance tolerances to ±0.005 %
n Non-inductive Multi-Pi cores
n TCR to ±2 PPM/°C
n 100 % acceptance tested / traceable to NIST
n Long term stability / 100 ppm/year
n Matched resistance sets to ±0.001 % and
±0.5 ppm/°C
n Flame & moisture resistant protective
encapsulation
n RoHS compliant*




Similar Part No. - SM4

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
SM4 MICRONETICS-SM4 Datasheet
87Kb / 2P
Noise Diodes 10 kHz to 100 MHz
logo
List of Unclassifed Man...
SM4 ETC-SM4 Datasheet
800Kb / 5P
SM Solenoids
18/8/15
logo
LUMEL S.A.
SM4 LUMEL-SM4 Datasheet
619Kb / 2P
module of logic outputs
logo
Omega Engineering, Inc.
SM4-15 OMEGA-SM4-15 Datasheet
351Kb / 2P
Sub-D Type Connectors Low Cost Crimp-Style
SM4-25 OMEGA-SM4-25 Datasheet
351Kb / 2P
Sub-D Type Connectors Low Cost Crimp-Style
More results


Similar Description - SM4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RBR52L12601BR ETC1-RBR52L12601BR Datasheet
411Kb / 2P
AXIAL LEAD PRECISION WIREWOUND RESISTORS
logo
Riedon Powertron
SM-2 RIEDON-SM-2 Datasheet
359Kb / 2P
Precision Wirewound Resistors
logo
Vishay Siliconix
RMB VISHAY-RMB Datasheet
203Kb / 2P
Molded Precision Wirewound Resistors Axial Leads
23-Sep-13
logo
IRC - a TT electronics ...
RBR52L12601BR IRCTT-RBR52L12601BR Datasheet
215Kb / 4P
Axial Lead Precision Wirewound Resistors
logo
Vishay Siliconix
RLP VISHAY-RLP Datasheet
87Kb / 5P
Insulated Precision Wirewound Resistors Axial Leads
02-Apr-15
RMB VISHAY-RMB Datasheet
100Kb / 4P
Molded Precision Wirewound Resistors Axial Leads
23-Sep-13
logo
Riedon Powertron
SM-2 RIEDON-SM-2_14 Datasheet
318Kb / 2P
Precision Wirewound Resistors
SM10-350RX RIEDON-SM10-350RX Datasheet
318Kb / 2P
Precision Wirewound Resistors
101-100KX RIEDON-101-100KX Datasheet
318Kb / 2P
Precision Wirewound Resistors
SM10-350RB RIEDON-SM10-350RB Datasheet
318Kb / 2P
Precision Wirewound Resistors
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com