Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5 Datasheet (PDF) - Bourns Electronic Solutions

SM5 Datasheet PDF - Bourns Electronic Solutions
Part # SM5
Download  SM5 Download
File Size   570.88 Kbytes
Page   3 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description SM/1xx Series - Riedon™ Precision Axial Wirewound Resistors by Bourns

SM5 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5 Datasheet PDF - Bourns Electronic Solutions

Part # SM5
Download  SM5 Click to download

File Size   570.88 Kbytes
Page   3 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description SM/1xx Series - Riedon™ Precision Axial Wirewound Resistors by Bourns

SM5 Datasheet (HTML) - Bourns Electronic Solutions


SM5 Product details

Features
n Formerly a Riedon™ product
n Resistances to 5 MΩ
n Resistance tolerances to ±0.005 %
n Non-inductive Multi-Pi cores
n TCR to ±2 PPM/°C
n 100 % acceptance tested / traceable to NIST
n Long term stability / 100 ppm/year
n Matched resistance sets to ±0.001 % and
±0.5 ppm/°C
n Flame & moisture resistant protective
encapsulation
n RoHS compliant*




Similar Part No. - SM5

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SM5 VANLONG-SM5 Datasheet
37Kb / 1P
Ceramic Surface Mount Crystal
SM5 VANLONG-SM5 Datasheet
44Kb / 1P
Ceramic Surface Mount Crystal
logo
List of Unclassifed Man...
SM5 ETC-SM5 Datasheet
422Kb / 1P
SURFACE MOUNT PRECISION PLATE RESISTORS
SM5 ETC-SM5 Datasheet
800Kb / 5P
SM Solenoids
18/8/15
logo
SOVICO corp.
SM5 SOVICO-SM5 Datasheet
434Kb / 2P
Powered Studio Monitor
2020.11
More results


Similar Description - SM5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RBR52L12601BR ETC1-RBR52L12601BR Datasheet
411Kb / 2P
AXIAL LEAD PRECISION WIREWOUND RESISTORS
logo
Riedon Powertron
SM-2 RIEDON-SM-2 Datasheet
359Kb / 2P
Precision Wirewound Resistors
logo
Vishay Siliconix
RMB VISHAY-RMB Datasheet
203Kb / 2P
Molded Precision Wirewound Resistors Axial Leads
23-Sep-13
logo
IRC - a TT electronics ...
RBR52L12601BR IRCTT-RBR52L12601BR Datasheet
215Kb / 4P
Axial Lead Precision Wirewound Resistors
logo
Vishay Siliconix
RLP VISHAY-RLP Datasheet
87Kb / 5P
Insulated Precision Wirewound Resistors Axial Leads
02-Apr-15
RMB VISHAY-RMB Datasheet
100Kb / 4P
Molded Precision Wirewound Resistors Axial Leads
23-Sep-13
logo
Riedon Powertron
SM-2 RIEDON-SM-2_14 Datasheet
318Kb / 2P
Precision Wirewound Resistors
SM10-350RX RIEDON-SM10-350RX Datasheet
318Kb / 2P
Precision Wirewound Resistors
101-100KX RIEDON-101-100KX Datasheet
318Kb / 2P
Precision Wirewound Resistors
SM10-350RB RIEDON-SM10-350RB Datasheet
318Kb / 2P
Precision Wirewound Resistors
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com