Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-8821 Datasheet (PDF) - Seiko Instruments Inc

S-8821 Datasheet PDF - Seiko Instruments Inc
Part # S-8821
Download  S-8821 Download
File Size   199.75 Kbytes
Page   19 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description VOLTAGE REGULATION STEP-UP CHARGE PUMP DC-DC CONVERTER

S-8821 Datasheet (PDF)

Go To PDF Page Download Datasheet
S-8821 Datasheet PDF - Seiko Instruments Inc

Part # S-8821
Download  S-8821 Click to download

File Size   199.75 Kbytes
Page   19 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description VOLTAGE REGULATION STEP-UP CHARGE PUMP DC-DC CONVERTER

S-8821 Datasheet (HTML) - Seiko Instruments Inc


S-8821 Product details

The S-8821 series is a CMOS boost charge pump DC-DC converter with a voltage regulation function.
The S-8821 series consists of an oscillation circuit, a controller, a reference voltage circuit, an error amplifier circuit, and an output switching transistor, and can regulate the output voltage by PFM control.
Since small ceramic capacitors can be used for the pump capacitor, input capacitor, and output capacitor, the mounting area can be minimized.

Features
• PFM control CMOS boost charge pump
• Power supply voltage: 1.6 to 5.0 V
• Output voltage: 2.5 to 5.5 V, selectable in 0.1 V steps.
• Output voltage accuracy: ±2 % max.
• Built-in soft start circuit: 1.0 ms typ.
• Output current 25 mA (VIN=(VOUT(S) × 0.80) V)
• Oscillation frequency: 1.0 MHz typ.
• ON/OFF function: During standby: 1 μA max.
• Lead-free, Sn 100%, halogen-free*1

Applications
• Lithium ion battery driven applications
• Local power supply
• Power supply for white LED display backlights




Similar Part No. - S-8821

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8821 ABLIC-S-8821 Datasheet
424Kb / 24P
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
logo
Seiko Instruments Inc
S-882125AMH-M2ATFZ SII-S-882125AMH-M2ATFZ Datasheet
1Mb / 24P
VOLTAGE REGULATION
S-882125AMH-M2ATFz SII-S-882125AMH-M2ATFz Datasheet
1Mb / 24P
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
logo
ABLIC Inc.
S-882125AMH-M2ATFZ ABLIC-S-882125AMH-M2ATFZ Datasheet
424Kb / 24P
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
logo
Seiko Instruments Inc
S-882125APH-M2ATFU SII-S-882125APH-M2ATFU Datasheet
1Mb / 24P
VOLTAGE REGULATION
More results


Similar Description - S-8821

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
Linear Technology
LTC3240 LINER-LTC3240 Datasheet
208Kb / 12P
3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
Linear Technology
LTC3240-2.5 LINER-LTC3240-2.5_15 Datasheet
213Kb / 12P
3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
LTC3240-3.3 LINER-LTC3240-3.3_15 Datasheet
213Kb / 12P
3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
logo
Seiko Instruments Inc
S8821 SII-S8821 Datasheet
1Mb / 24P
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
logo
ABLIC Inc.
S-8821 ABLIC-S-8821 Datasheet
424Kb / 24P
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com