Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-89210A Datasheet (PDF) - Seiko Instruments Inc

S-89210A Datasheet PDF - Seiko Instruments Inc
Part # S-89210A
Download  S-89210A Download
File Size   411.66 Kbytes
Page   18 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description MINI ANALOG SERIES CMOS COMPARATOR

S-89210A Datasheet (PDF)

Go To PDF Page Download Datasheet
S-89210A Datasheet PDF - Seiko Instruments Inc

Part # S-89210A
Download  S-89210A Click to download

File Size   411.66 Kbytes
Page   18 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description MINI ANALOG SERIES CMOS COMPARATOR

S-89210A Datasheet (HTML) - Seiko Instruments Inc


S-89210A Product details

MINI ANALOG SERIES CMOS COMPARATOR

The mini-analog series is a group of ICs that incorporate a general purpose analog circuit in a small package.
The S-89210A/89220A is a CMOS type comparator that has a phase compensation circuit, and that can be driven at a lower voltage with lower current consumption than existing bipolar comparators. These features make this product the ideal solution for small battery-powered portable equipment. The S-89210A/89220A is a single comparator.

Features
• Lower operating voltage than the conventional general-purpose
   comparators: VDD = 1.8 to 5.5 V
• Low current consumption: IDD = 50 µA (S-89210A)
                                             IDD = 10 µA (S-89220A)
• Low input offset voltage: 4.0 mV (max.)
• Lead-free products

Application
• Cellular phones
• PDAs
• Notebook PCs
• Digital cameras
• Digital video cameras




Similar Part No. - S-89210A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-89210ACNC-1C0TFz SII-S-89210ACNC-1C0TFz Datasheet
1Mb / 20P
MINI ANALOG SERIES CMOS COMPARATOR
More results


Similar Description - S-89210A

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2321A ALD-ALD2321A Datasheet
61Kb / 8P
ULTRA LOW VOS EPAD DUAL CMOS ANALOG VOLTAGE COMPARATOR
logo
Seiko Instruments Inc
S-89110A SII-S-89110A Datasheet
457Kb / 18P
MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S-89530A SII-S-89530A Datasheet
270Kb / 16P
MINI ANALOG SERIES 0.7 關A Rail-to-Rail CMOS COMPARATOR
logo
Advanced Linear Devices
ALD2321 ALD-ALD2321_10 Datasheet
96Kb / 11P
ULTRA LOW VOS EPAD짰 DUAL CMOS ANALOG VOLTAGE COMPARATOR
logo
Seiko Instruments Inc
S-19610AB0A-K8T2U SII-S-19610AB0A-K8T2U Datasheet
1Mb / 18P
MINI ANALOG SERIES
S89110 SII-S89110 Datasheet
1Mb / 34P
MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S89130 SII-S89130 Datasheet
1Mb / 26P
MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S89210 SII-S89210 Datasheet
1Mb / 20P
MINI ANALOG SERIES CMOS COMPARATOR
S89230 SII-S89230 Datasheet
1Mb / 24P
MINI ANALOG SERIES CMOS COMPARATOR
S89530A SII-S89530A Datasheet
981Kb / 16P
MINI ANALOG SERIES 0.7 uA Rail-to-Rail CMOS COMPARATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com