Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS66WVR4M8BLL-R104KLI Datasheet (PDF) - Integrated Silicon Solution, Inc

IS66WVR4M8BLL-R104KLI Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS66WVR4M8BLL-R104KLI
Download  IS66WVR4M8BLL-R104KLI Download
File Size   748.7 Kbytes
Page   34 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 1.8V/3.0V, 104MHz, Continuous Operation, SPI & QPI Protocol

IS66WVR4M8BLL-R104KLI Datasheet (PDF)

Go To PDF Page Download Datasheet
IS66WVR4M8BLL-R104KLI Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS66WVR4M8BLL-R104KLI
Download  IS66WVR4M8BLL-R104KLI Click to download

File Size   748.7 Kbytes
Page   34 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 1.8V/3.0V, 104MHz, Continuous Operation, SPI & QPI Protocol

IS66WVR4M8BLL-R104KLI Datasheet (HTML) - Integrated Silicon Solution, Inc


IS66WVR4M8BLL-R104KLI Product details

FEATURES
• Industry Standard Serial Interface
- SPI Protocol: 1-1-1 & 1-4-4 operation
- QPI protocol: 4-4-4 operation
- Low Signal Counts :6 Signal pins (CE#,
CLK, SIO0~SIO3)
• High Performance
- Clock Rate:
33MHz(max) for normal read
104MHz(max) for fast read
- Always Continuous Operation through
entire cell array (Wrap to 1st address after
last address)
- Drive Strength: 50 ohm
• Low Power Consumption
- Single 1.65V to 1.95V Voltage Supply
- Single 2.7V to 3.6V Voltage Supply
- 15 mA Max. Active QPI Mode Read
Current at 104MHz, 105°C
- 150 μA typ. Standby Current
• Hardware Features
- CLK Input: Serial clock input
- SIO0 – SIO3:
Serial Data Input or Serial Data Output
• Temperature Grades
- Industrial: -40°C to +85°C
- Auto (A1) Grade: -40°C to +85°C
- Auto (A2) Grade: -40°C to +105°C
• Industry Standard PACKAGE
- K = 8-contact WSON 6x5mm
- T = 8-contact USON 4x3mm
- N = 8-pin SOIC 150mil
- KGD (Call Factory)
- Green Package (RoHS Compliant,
Halogen-Free) and TSCA Compliant




Similar Part No. - IS66WVR4M8BLL-R104KLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVR8M8FALL ISSI-IS66WVR8M8FALL Datasheet
747Kb / 34P
1.8V/3.0V, 104MHZ, SPI & QPI PROTOCOL
Rev. A1 05/07/2025
IS66WVR8M8FALL-104KLA1 ISSI-IS66WVR8M8FALL-104KLA1 Datasheet
747Kb / 34P
1.8V/3.0V, 104MHZ, SPI & QPI PROTOCOL
Rev. A1 05/07/2025
IS66WVR8M8FALL-104KLA2 ISSI-IS66WVR8M8FALL-104KLA2 Datasheet
747Kb / 34P
1.8V/3.0V, 104MHZ, SPI & QPI PROTOCOL
Rev. A1 05/07/2025
IS66WVR8M8FALL-104KLI ISSI-IS66WVR8M8FALL-104KLI Datasheet
747Kb / 34P
1.8V/3.0V, 104MHZ, SPI & QPI PROTOCOL
Rev. A1 05/07/2025
IS66WVR8M8FALL-104NLA1 ISSI-IS66WVR8M8FALL-104NLA1 Datasheet
747Kb / 34P
1.8V/3.0V, 104MHZ, SPI & QPI PROTOCOL
Rev. A1 05/07/2025
More results


Similar Description - IS66WVR4M8BLL-R104KLI

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16DW WINBOND-W25Q16DW Datasheet
1Mb / 83P
1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32DW WINBOND-W25Q32DW Datasheet
1Mb / 82P
1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64DW WINBOND-W25Q64DW Datasheet
1Mb / 82P
1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q16DW WINBOND-W25Q16DW_12 Datasheet
1Mb / 85P
1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32DW WINBOND-W25Q32DW_12 Datasheet
1Mb / 82P
1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64DW WINBOND-W25Q64DW_12 Datasheet
1Mb / 82P
1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q16DWSSIG-TR WINBOND-W25Q16DWSSIG-TR Datasheet
1Mb / 84P
1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q16FWUUIQ-TR WINBOND-W25Q16FWUUIQ-TR Datasheet
1Mb / 90P
1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128FW WINBOND-W25Q128FW Datasheet
1Mb / 96P
1.8V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q40EW WINBOND-W25Q40EW Datasheet
1Mb / 80P
1.8V 4M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
August 18, 2018Revision J
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com