| Manufacturer | Part # | Datasheet | Description |
 Renesas Technology Corp |
80P6
|
107Kb / 1P |
Converter for Connecting 80-pin 0.8mm-pitch LCC to 80-pin 0.65mm-pitch
|
|
M3T-80LCC-QSD
|
150Kb / 1P |
Converter for Connecting 80-pin 0.8mm-pitch LCC to 80-pin 0.5mm-pitch QFP
|
|
PCA4688A
|
348Kb / 1P |
Converter for Connecting 80-pin 0.8mm-pitch QFP to 80-pin 0.8mm-pitch LCC
|
|
PCA4688B
|
104Kb / 1P |
Converter for Connecting 80-pin 0.8mm-pitch LCC to 80-pin 0.8mm-pitch LCC (for Height Adjustment)
|
 FCI connector |
10031193
|
198Kb / 3P |
SAS PLUG VERTICAL SMT ASSY
|
|
10041724
|
195Kb / 3P |
SAS PLUG VERTICAL SMT ASSY
|
|
10045105
|
187Kb / 2P |
SAS PLUG VERTICAL SMT ASSY
|
 Molex Electronics Ltd. |
448281162
|
1Mb / 27P |
0.8MM HANDYLINK SMT RECEPTACLE 16 CIRCUIT
|
 Tyco Electronics |
5796055
|
212Kb / 2P |
RECEPTACLE ASSEMBLY, RIGHT ANGLE, 68 POS, SHIELDED, CHAMP 0.8MM
|
 Harwin Plc |
M58-280XX42R
|
182Kb / 2P |
FEMALE 0.8MM PITCH BOARD TO BOARD VERTICAL SMT
28.10.21 |