Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS-240 Datasheet (PDF) - Premium PSU

CTS-240 Datasheet PDF - Premium PSU
Part # CTS-240
Download  CTS-240 Download
File Size   1129.87 Kbytes
Page   8 Pages
Manufacturer  PSU [Premium PSU]
Direct Link  https://premiumpsu.com/contact/
Logo PSU - Premium PSU
Description CTS-240

CTS-240 Datasheet (PDF)

Go To PDF Page Download Datasheet
CTS-240 Datasheet PDF - Premium PSU

Part # CTS-240
Download  CTS-240 Click to download

File Size   1129.87 Kbytes
Page   8 Pages
Manufacturer  PSU [Premium PSU]
Direct Link  https://premiumpsu.com/contact/
Logo PSU - Premium PSU
Description CTS-240

CTS-240 Datasheet (HTML) - Premium PSU


CTS-240 Product details

GENERAL FEATURES:
Designed according to EN50155
Fire and smoke: EN45545-2 approved
High input-output isolation
Standard size Eurocard 3U
Adjustable output voltage
Input voltage OK LED
Output voltage presence LED
Remote inhibit
Option: remote sensing or alarm
Efficiency up to 92%




Similar Part No. - CTS-240

ManufacturerPart #DatasheetDescription
logo
Premium PSU
CTS-120-6865 PSU-CTS-120-6865 Datasheet
759Kb / 9P
CTS-120
CTS-120-6866 PSU-CTS-120-6866 Datasheet
759Kb / 9P
CTS-120
CTS-120-6867 PSU-CTS-120-6867 Datasheet
759Kb / 9P
CTS-120
CTS-120-6868 PSU-CTS-120-6868 Datasheet
759Kb / 9P
CTS-120
CTS-120-6869 PSU-CTS-120-6869 Datasheet
759Kb / 9P
CTS-120
More results


Similar Description - CTS-240

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
212 CTS-212 Datasheet
346Kb / 2P
CTS 212 Rotary Switch
212 CTS-212_07 Datasheet
1Mb / 3P
CTS 212 Rotary Switches
227 CTS-227 Datasheet
490Kb / 3P
CTS 227 Rotary Switches
logo
FCI connector
DEM09S FCI-CONNECTOR-DEM09S Datasheet
97Kb / 1P
SOCKET CONNECTORS D SUMBINIATURE WITH SOLDER CTS
logo
CTS Corporation
450G CTS-450G Datasheet
193Kb / 2P
CTS Guitar Series 24mm Potentiometer
logo
Schneider Electric
WISERCTPV SCHNEIDER-WISERCTPV Datasheet
98Kb / 1P
WISER ENERGY SOLAR CTS
logo
PHOENIX CONTACT
1295670 PHOENIX-1295670 Datasheet
255Kb / 4P
Repair kit - EV-T2CCS-M4X20-BIT-CTS
logo
Littelfuse
CT200 LITTELFUSE-CT200 Datasheet
731Kb / 3P
Current Transformers (CTs)
Rev: 4-B-061214
logo
PHOENIX CONTACT
1281251 PHOENIX-1281251 Datasheet
227Kb / 5P
Repair kit - EV-T1CCS-MF-M4X10-CTS
Nov 16, 2022
1295744 PHOENIX-1295744 Datasheet
223Kb / 4P
Repair kit - EV-T1CCS-M4X20-CTS
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com