Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ODS-1500 Datasheet (PDF) - Premium PSU

ODS-1500 Datasheet PDF - Premium PSU
Part # ODS-1500
Download  ODS-1500 Download
File Size   1037.28 Kbytes
Page   10 Pages
Manufacturer  PSU [Premium PSU]
Direct Link  https://premiumpsu.com/contact/
Logo PSU - Premium PSU
Description 1200...1500 VA DC/AC INVERTER

ODS-1500 Datasheet (PDF)

Go To PDF Page Download Datasheet
ODS-1500 Datasheet PDF - Premium PSU

Part # ODS-1500
Download  ODS-1500 Click to download

File Size   1037.28 Kbytes
Page   10 Pages
Manufacturer  PSU [Premium PSU]
Direct Link  https://premiumpsu.com/contact/
Logo PSU - Premium PSU
Description 1200...1500 VA DC/AC INVERTER

ODS-1500 Datasheet (HTML) - Premium PSU


ODS-1500 Product details

GENERAL FEATURES:
Sine wave output voltage
Selectable output frequency: 50/60Hz
Adjustable output voltage
High input-output isolation 3000Vrms
Remote inhibit
Remote control via RS232
Alarm by isolated relay contacts
Remote off opto-coupled
Optional railway version EN50155
Fire and smoke: EN45545-2 approved
Efficiency up to 91%




Similar Part No. - ODS-1500

ManufacturerPart #DatasheetDescription
logo
Premium PSU
ODS-1500-7111 PSU-ODS-1500-7111 Datasheet
832Kb / 9P
ODS-1500
ODS-1500-7113 PSU-ODS-1500-7113 Datasheet
832Kb / 9P
ODS-1500
ODS-1500-7114 PSU-ODS-1500-7114 Datasheet
832Kb / 9P
ODS-1500
ODS-1500-7115 PSU-ODS-1500-7115 Datasheet
832Kb / 9P
ODS-1500
ODS-1500-7116 PSU-ODS-1500-7116 Datasheet
832Kb / 9P
ODS-1500
More results


Similar Description - ODS-1500

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CXA-L0612-VJL TDK-CXA-L0612-VJL Datasheet
63Kb / 2P
DC-AC INVERTER UNIT
logo
Bel Fuse Inc.
700INV60-120-240-9G BEL-700INV60-120-240-9G Datasheet
1Mb / 9P
DC/AC INVERTER
logo
Sparkle Power Inc.
SPU-1500-US SPI-SPU-1500-US Datasheet
4Mb / 1P
1500 VA/ 900W line interactive UPS
logo
TDK Electronics
CXA-0308 TDK-CXA-0308 Datasheet
63Kb / 2P
DC-AC INVERTER UNIT
CXA-0535 TDK-CXA-0535 Datasheet
239Kb / 2P
DC/AC INVERTER UNIT
CXA-0543 TDK-CXA-0543 Datasheet
114Kb / 2P
DC/AC INVERTER UNIT
CXA-0549 TDK-CXA-0549 Datasheet
229Kb / 9P
DC/AC INVERTER UNIT
logo
Analog Technologies, In...
AEL28V90VAC1 ANALOGTECHNOLOGIES-AEL28V90VAC1 Datasheet
321Kb / 5P
DC-AC Inverter
6/13/2017
logo
Marathon Special Produc...
HVPB212 MARATHON-HVPB212 Datasheet
140Kb / 3P
1500 Amps 1500 Volts AC/DC
Rev-B 07/21/16
HVPB214 MARATHON-HVPB214 Datasheet
145Kb / 3P
1500 Amps 1500 Volts AC/DC
Rev-A 07/21/16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com