Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASWD-S2-0004 Datasheet (PDF) - Abracon Corporation

ASWD-S2-0004 Datasheet PDF - Abracon Corporation
Part # ASWD-S2-0004
Download  ASWD-S2-0004 Download
File Size   1006.15 Kbytes
Page   10 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 1~ 8.5GHz Broadband GaAs SPDT RF Switch

ASWD-S2-0004 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASWD-S2-0004 Datasheet PDF - Abracon Corporation

Part # ASWD-S2-0004
Download  ASWD-S2-0004 Click to download

File Size   1006.15 Kbytes
Page   10 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 1~ 8.5GHz Broadband GaAs SPDT RF Switch

ASWD-S2-0004 Datasheet (HTML) - Abracon Corporation


ASWD-S2-0004 Product details

Features
▪ DFN-8L Package: 2.0mm x 2.0mm
▪ Frequency Range: 1 ~ 8.5 GHz
▪ Low Insertion Loss: 0.6 dB Typ. @f = 2.0 to 6.0 GHz
▪ High Isolation: 30 dB Typ. @f = 2.0 to 6.0 GHz
▪ P0.1dB = +26 dBm Typ.
▪ Wide Control Voltage VCTL_H = 2.9 ~ 5.0 V
▪ Low Current Consumption: 1 μA
▪ RoHS Compliant | MSL Level 3




Similar Part No. - ASWD-S2-0004

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASWD-S2-0001 ABRACON-ASWD-S2-0001 Datasheet
1,010Kb / 11P
DC-8GHz SPDT RF & Antenna Switch with Enhanced ESD Protection
A 8/28/2025
ASWD-S2-0001-EVB ABRACON-ASWD-S2-0001-EVB Datasheet
1,010Kb / 11P
DC-8GHz SPDT RF & Antenna Switch with Enhanced ESD Protection
A 8/28/2025
ASWD-S2-0001-T ABRACON-ASWD-S2-0001-T Datasheet
1,010Kb / 11P
DC-8GHz SPDT RF & Antenna Switch with Enhanced ESD Protection
A 8/28/2025
ASWD-S2-0002 ABRACON-ASWD-S2-0002 Datasheet
1,000Kb / 11P
DC~ 3.0GHz SPDT RF & Antenna Switch with Enhanced ESD Protection
A 8/28/2025
ASWD-S2-0002-EVB ABRACON-ASWD-S2-0002-EVB Datasheet
1,000Kb / 11P
DC~ 3.0GHz SPDT RF & Antenna Switch with Enhanced ESD Protection
A 8/28/2025
More results


Similar Description - ASWD-S2-0004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0202 MACOM-MASWSS0202 Datasheet
218Kb / 4P
GaAs Broadband SPDT Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0070_V5 MA-COM-MASWSS0070_V5 Datasheet
126Kb / 5P
GaAs Broadband SPDT Switch
MASWSS0202 MA-COM-MASWSS0202 Datasheet
103Kb / 4P
GaAs Broadband SPDT Switch DC - 6.0 GHz
MASW-007107 MA-COM-MASW-007107 Datasheet
157Kb / 4P
GaAs Broadband SPDT Switch
MASW-007588 MA-COM-MASW-007588 Datasheet
73Kb / 3P
GaAs Broadband SPDT Switch
MASWSS0093 MA-COM-MASWSS0093_15 Datasheet
82Kb / 3P
GaAs Broadband SPDT Switch
MASW-007588 MA-COM-MASW-007588_15 Datasheet
550Kb / 4P
GaAs Broadband SPDT Switch
MASW-007107 MA-COM-MASW-007107_15 Datasheet
718Kb / 6P
GaAs Broadband SPDT Switch
MASWSS0202 MA-COM-MASWSS0202_15 Datasheet
664Kb / 5P
GaAs Broadband SPDT Switch
logo
California Eastern Labs
CG2163X3 CEL-CG2163X3_17 Datasheet
617Kb / 8P
Broadband SPDT RF Switch
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com