Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS62WV25616EBLL Datasheet (PDF) - Integrated Silicon Solution, Inc

IS62WV25616EBLL Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS62WV25616EBLL
Download  IS62WV25616EBLL Download
File Size   754.78 Kbytes
Page   18 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 256Kx16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM

IS62WV25616EBLL Datasheet (PDF)

Go To PDF Page Download Datasheet
IS62WV25616EBLL Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS62WV25616EBLL
Download  IS62WV25616EBLL Click to download

File Size   754.78 Kbytes
Page   18 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 256Kx16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM

IS62WV25616EBLL Datasheet (HTML) - Integrated Silicon Solution, Inc


IS62WV25616EBLL Product details

FEATURES
 High-speed access time: 35ns, 45ns, 55ns
 CMOS low power operation
– Operating Current: 22 mA (max) at 85°C
– CMOS Standby Current: 3.7uA (typ) at 25°C
 TTL compatible interface levels
 Single power supply
–1.65V-2.2V VDD (IS62/65WV25616EALL)
– 2.2V-3.6V VDD (IS62/65WV25616EBLL)
– 3.3V +/-5% VDD (IS62/65WV25616ECLL)
 Package : 44-pin TSOP (Type II)
48-pin mini BGA
 Commercial, Industrial and Automotive
temperature support
 Lead-free available




Similar Part No. - IS62WV25616EBLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV25616EHALL ISSI-IS62WV25616EHALL Datasheet
551Kb / 20P
256Kx16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM with ECC
A3 08/07/2024
IS62WV25616EHALL-55B2L ISSI-IS62WV25616EHALL-55B2L Datasheet
551Kb / 20P
256Kx16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM with ECC
A3 08/07/2024
IS62WV25616EHALL-55B2LI ISSI-IS62WV25616EHALL-55B2LI Datasheet
551Kb / 20P
256Kx16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM with ECC
A3 08/07/2024
IS62WV25616EHALL-55B3L ISSI-IS62WV25616EHALL-55B3L Datasheet
551Kb / 20P
256Kx16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM with ECC
A3 08/07/2024
IS62WV25616EHALL-55B3LI ISSI-IS62WV25616EHALL-55B3LI Datasheet
551Kb / 20P
256Kx16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM with ECC
A3 08/07/2024
More results


Similar Description - IS62WV25616EBLL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
256Kx16 bit Low Power and Low Voltage CMOS Static RAM
K6X4016C3F SAMSUNG-K6X4016C3F Datasheet
131Kb / 9P
256Kx16 bit Low Power full CMOS Static RAM
K6T4016V3C SAMSUNG-K6T4016V3C Datasheet
154Kb / 9P
256Kx16 bit Low Power and Low Voltage CMOS Static RAM
K6F4016U6G SAMSUNG-K6F4016U6G Datasheet
180Kb / 9P
256Kx16 bit Super Low Power and Low Voltage Full CMOS Static RAM
KM6164000B SAMSUNG-KM6164000B Datasheet
151Kb / 9P
256Kx16 bit Low Power CMOS Static RAM
logo
Integrated Circuit Solu...
IC62VV25616LL ICSI-IC62VV25616LL Datasheet
321Kb / 11P
256Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
logo
Samsung semiconductor
K6F4016U4G SAMSUNG-K6F4016U4G Datasheet
173Kb / 9P
256Kx16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6T4016C3B SAMSUNG-K6T4016C3B Datasheet
149Kb / 9P
256Kx16 bit Low Power CMOS Static RAM
logo
Integrated Circuit Solu...
IC62LV25616L ICSI-IC62LV25616L Datasheet
126Kb / 11P
256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
List of Unclassifed Man...
IS66WV51216DBLL-55TLI ETC2-IS66WV51216DBLL-55TLI Datasheet
532Kb / 17P
8Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com