Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

217520 Datasheet (PDF) - Molex Electronics Ltd.

217520 Datasheet PDF - Molex Electronics Ltd.
Part # 217520
Download  217520 Download
File Size   35.37 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Off-the-Shelf Pre-Crimped Leads

217520 Datasheet (PDF)

Go To PDF Page Download Datasheet
217520 Datasheet PDF - Molex Electronics Ltd.

Part # 217520
Download  217520 Click to download

File Size   35.37 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Off-the-Shelf Pre-Crimped Leads

217520 Datasheet (HTML) - Molex Electronics Ltd.


217520 Product details

Description: Pre-Crimped Lead Mizu-P25 Female-to-Mizu-P25 Female, Tin (Sn) Plating, 150.00mm Length, 22 AWG, Black

Application Signal, Wire-to-Wire




Similar Part No. - 217520

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
217520 MOLEX-217520 Datasheet
659Kb / 3P
Pre-Crimped Leads
2022.07 Rev. 13
217520 MOLEX11-217520 Datasheet
659Kb / 3P
Pre-Crimped Leads
Rev. 13
2175201121 MOLEX-2175201121 Datasheet
83Kb / 1P
MIZU-P25 F-F 75MM 0.5 SQMM LEAD BK Sn
2021/01/19
2175201122 MOLEX-2175201122 Datasheet
83Kb / 1P
MIZU-P25 F-F 75MM 0.5 SQMM LEAD BK Sn
2021/01/19
2175201123 MOLEX-2175201123 Datasheet
83Kb / 1P
MIZU-P25 F-F 75MM 0.5 SQMM LEAD BK Sn
2021/01/19
More results


Similar Description - 217520

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0797580001 MOLEX11-0797580001 Datasheet
119Kb / 1P
PRE-CRIMPED LEADS AMERICAS DISTRIBUTION CHANNEL REV A
logo
Harwin Plc
M30-900009 HARWIN-M30-900009 Datasheet
55Kb / 1P
PRE-CRIMPED CONTACT
M30-9040099 HARWIN-M30-9040099 Datasheet
59Kb / 1P
PRE-CRIMPED CONTACT
M80-9180099 HARWIN-M80-9180099 Datasheet
101Kb / 1P
PRE-CRIMPED CONTACT
logo
Ultralife Corporation.
UBBL21 ULTRALIFE-UBBL21 Datasheet
508Kb / 2P
Off-the-shelf convenience
Rev: F
UBBL22 ULTRALIFE-UBBL22 Datasheet
319Kb / 2P
Off-the-shelf convenience
Rev: F
UBBL24 ULTRALIFE-UBBL24 Datasheet
161Kb / 2P
Off-the-shelf convenience
Rev: H
UBBL26 ULTRALIFE-UBBL26 Datasheet
159Kb / 2P
Off-the-shelf convenience
Rev: D
logo
Molex Electronics Ltd.
797580001 MOLEX-797580001 Datasheet
118Kb / 1P
PRE-CRIMPED LEADS AMERICAS DISTRIBUTION CHANNEL REV : A
2010/01/12
PRE-CRIMPED MOLEX-PRE-CRIMPED Datasheet
539Kb / 3P
Pre-Crimped Leads
2019.09
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com