Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM5242 Datasheet (PDF) - Texas Instruments

PCM5242 Datasheet PDF - Texas Instruments
Part # PCM5242
Download  PCM5242 Download
File Size   2667.34 Kbytes
Page   129 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PCM5242 4.2-VRMS DirectPath™, 114-dB Audio Stereo Differential-Output DAC with 32-bit, 384-kHz PCM Interface

PCM5242 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM5242 Datasheet PDF - Texas Instruments

Part # PCM5242
Download  PCM5242 Click to download

File Size   2667.34 Kbytes
Page   129 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PCM5242 4.2-VRMS DirectPath™, 114-dB Audio Stereo Differential-Output DAC with 32-bit, 384-kHz PCM Interface

PCM5242 Datasheet (HTML) - Texas Instruments


PCM5242 Product details

1 Features
1• Differential DirectPath™ Ground Biased Outputs
• Market-Leading Low Out-of-Band Noise
• Selectable Digital-Filter Latency and Performance
• No DC Blocking Capacitors Required
• Integrated Negative Charge Pump
• Intelligent Muting System; Soft Up or Down Ramp
and Analog Mute for 120dB Mute SNR
• Integrated High-Performance Audio PLL With
BCK Reference to Generate SCK Internally
• Accepts 16-, 24-, and 32-Bit Audio Data
• PCM Data Formats: I2S, Left-Justified, Right-
Justified, TDM
• SPI or I2C Control
• Software or Hardware Configuration
• Automatic Power-Save Mode When LRCK And
BCK Are Deactivated
• 1.8V or 3.3V Failsafe LVCMOS Digital Inputs
• Single Supply Operation:
– 3.3V Analog, 1.8V or 3.3V Digital
• Integrated Power-On Reset
• Small 32-terminal QFN Package

2 Applications
• HiFi Smartphone
• A/V Receivers
• DVD, BD Players
• HDTV Receivers

3 Description
The PCM5242 is a monolithic CMOS integrated
circuit that includes a stereo digital-to-analog converter and additional support circuitry in a small
QFN package. The PCM5242 uses the latest
generation of TI’s advanced segment-DAC
architecture to achieve excellent dynamic performance and improved tolerance to clock jitter.
The PCM5242 integrates a fully programmable
miniDSP core, allowing developers to integrate filters, dynamic range controls, custom interpolators and
other differentiating features to their products.
The PCM5242 provides 4.2VRMS ground-centered
differential outputs, allowing designers to eliminate
DC blocking capacitors on the output, as well as
external muting circuits traditionally associated with
single supply line drivers.
The integrated PLL on the device removes the
requirement for a system clock (commonly known as
master clock), allowing a 3-wire I2S connection and reducing system EMI.




Similar Part No. - PCM5242

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5242 TI1-PCM5242 Datasheet
2Mb / 128P
Audio Stereo Differential-Output DAC
PCM5242RHBR TI1-PCM5242RHBR Datasheet
2Mb / 128P
Audio Stereo Differential-Output DAC
PCM5242RHBT TI1-PCM5242RHBT Datasheet
2Mb / 128P
Audio Stereo Differential-Output DAC
PCM5242 TI-PCM5242_15 Datasheet
2Mb / 128P
PCM5242 4.2-VRMS DirectPath?? 114-dB Audio Stereo Differential-Output DAC with 32-bit, 384-kHz PCM Interface
More results


Similar Description - PCM5242

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5100 TI1-PCM5100 Datasheet
795Kb / 31P
2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
MAY2011
PCM5100A TI1-PCM5100A Datasheet
793Kb / 32P
2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5102-Q1 TI1-PCM5102-Q1 Datasheet
1Mb / 31P
2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141 Datasheet
2Mb / 110P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121 Datasheet
2Mb / 107P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5101APWR TI1-PCM5101APWR Datasheet
1Mb / 35P
112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121_14 Datasheet
2Mb / 108P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141_14 Datasheet
2Mb / 111P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5242 TI-PCM5242_15 Datasheet
2Mb / 128P
PCM5242 4.2-VRMS DirectPath?? 114-dB Audio Stereo Differential-Output DAC with 32-bit, 384-kHz PCM Interface
PCM5252 TI1-PCM5252 Datasheet
1Mb / 119P
Purepath Smart Amp PCM5252 4.2-VRMS DirectPath, 114-dB Audio Stereo Differential-
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com